Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3140EEI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3140EEI
Description  SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3140EEI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3140EEI Datasheet HTML 1Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 2Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 3Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 4Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 5Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 6Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 7Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 8Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
SPI/MICROWIRE-Compatible UART with Integrated
True Fail-Safe RS-485/RS-422 Transceivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, DE = VCC, RE = GND, SHDN = VCC, fXTL = 1.8432MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values
are measured with VCC = +5V, UART configured for 9600 baud, TA = +25°C.) (Note 1)
R = 50
Ω or R = 27Ω, Figure 1
R = 50
Ω or R = 27Ω, Figure 1 (Note 2)
R = 27
Ω (RS-422), Figure 1
R = 50
Ω (RS-422), Figure 1
No load, Figure 1
V IRQ = VCC
ISINK = 4mA
R = 50
Ω or R = 27Ω, Figure 1 (Note 2)
CONDITIONS
V
3
VOC
Common-Mode Output
Voltage
V
0.2
∆VOD
Change in Magnitude of
Differential Output Voltage
V
1.5
VOD2
Differential Output Voltage
2.0
5
VOD1
pF
5
COUT2
Output Capacitance
µA
±1
ILKG3
Output Leakage
V
0.4
VOL2
Output Low Voltage
V
0.2
∆VOC
Change In Magnitude of
Common-Mode Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 3)
H/F, TXP, RXP, internal pull-down
DE, DI, RE
SRL = VCC or unconnected
DE, Dl, RE, H/F, TXP, RXP
DE, Dl, RE
SRL = GND (Note 3)
SRL = VCC
V
0.4
· VCC
0.6
· VCC
VIM2
SRL Input Middle Voltage
V
VCC - 0.8
VIH2
SRL Input High Voltage
µA
10
40
IIN2
Input Current
±2
IIN1
mV
100
VHYS
DI Input Hysteresis
V
0.8
VIL1
Input Low Voltage
2.0
µA
-75
IIN3
SRL Input Current
75
V
0.8
VIL2
SRL Input Low Voltage
(Note 4)
DE = GND
VCC = GND or 5.25V
DE = GND
250
-250
µA
125
IO
Full-Duplex Output Leakage
(Y and Z)
µA
-75
IIN4
125
Full-Duplex Input Current
(A and B)
mA
±25
IOSD
Short-Circuit Output Current
-7V
≤ VCM ≤ +12V
mV
-200
-125
-50
VTH
mV
25
∆VTH
Input Hysteresis
Differential Threshold Voltage
ISINK = 4mA, VID = -200mV
ISOURCE = 4mA, VID = -50mV
0.4V
≤ VO ≤ 2.4V
V
0.4
VOL
V
VCC - 1.5
VOH
µA
±1
IOZR
Output High Voltage
Three-State Output Current
Output Low Voltage
-7V
≤ VCM ≤ 12V
0
≤ VRO ≤ VCC
k
96
RIN
mA
±7
±95
IOSR
Output Short-Circuit Current
Input Resistance
VIN = 12V
VIN = -7V
VCC = GND or 5.25V
VIN = 12V
VIN = -7V
-100
-7V
≤ VOUT ≤ VCC
0
≤ VOUT ≤ 12V
0
≤ VOUT ≤ VCC
H/F, TXP, RXP
V
2.4
VIH1
Input High Voltage
UART IRQ OUTPUT (Open Drain)
RS-485 DRIVER
RS-485 RECEIVER


Similar Part No. - MAX3140EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3140EEI++ MAXIM-MAX3140EEI+ Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
More results

Similar Description - MAX3140EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
   FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com