Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3098EAESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3098EAESE
Description  짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3098EAESE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3098EAESE Datasheet HTML 2Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 3Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 4Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 5Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 6Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 7Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 8Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 9Page - Maxim Integrated Products MAX3098EAESE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
±15kV ESD-Protected, 32Mbps, 3V/5V,
Triple RS-422/RS-485 Receivers with Fault Detection
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION
1
A
Noninverting Receiver A Input
2
A
Inverting Receiver A Input
3
B
Noninverting Receiver B Input
4
B
Inverting Receiver B Input
5
Z
Noninverting Receiver Z Input
6
Z
Inverting Receiver Z Input
7
GND
Ground
8
DELAY
Programmable Delay Terminal. Connect a capacitor from DELAY to GND to set the
ALARMD output delay time. To obtain a minimum delay, leave DELAY unconnected. See
Capacitance vs. ALARMD Output Delay in the Typical Operating Characteristics.
9
ALARMD
Delayed Fault Output. This output is the logic OR of ALARMA, ALARMB, and ALARMZ.
Place a capacitor from the DELAY pin to GND to set the delay (see Setting Delay Time). A
high logic level indicates a fault condition on at least one receiver input pair. A low level on
this pin indicates no fault condition is present.
10
OUTZ
Z Receiver Output. If VZ - VZ
≥ +200mV, OUTZ will be high. If VZ - V Z ≤ -200mV, OUTZ will
be low. If Z or Z exceeds the receiver’s input common-mode voltage range, the ALARMZ
output will be high and OUTZ will be indeterminate.
11
ALARMZ
Z Fault Output. When ALARMZ is high, OUTZ is indeterminate. Tables 1 and 2 show all the
possible states for which an alarm is set.
12
OUTB
B Receiver Output. If VB - V B
≥ +200mV, OUTB will be high. If VB - VB ≤ -200mV, OUTB will
be low. If B or B exceeds the input receiver’s common-mode voltage range, the ALARMB
output will be high and OUTB will be indeterminate.
13
ALARMB
B Fault Output. When ALARMB is high, OUTB is indeterminate. Tables 1 and 2 show all the
possible states for which an alarm is set.
14
OUTA
A Receiver Output. If VA - V A
≥ +200mV, OUTA will be high. If VA - V A ≤ -200mV, OUTA will
be low. If A or A exceeds the receiver’s input common-mode voltage range, the ALARMA
output will be high and OUTA will be indeterminate.
15
ALARMA
A Fault Output. When ALARMA is high, OUTA is indeterminate. Tables 1 and 2 show all the
possible states for which an alarm is set.
16
VCC
Power Supply
Pin Description


Similar Part No. - MAX3098EAESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX309 MAXIM-MAX309 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX309 MAXIM-MAX309 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECPE MAXIM-MAX3093ECPE Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECSE MAXIM-MAX3093ECSE Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results

Similar Description - MAX3098EAESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com