Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX312MJE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX312MJE
Description  10?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312MJE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX312MJE Datasheet HTML 1Page - Maxim Integrated Products MAX312MJE Datasheet HTML 2Page - Maxim Integrated Products MAX312MJE Datasheet HTML 3Page - Maxim Integrated Products MAX312MJE Datasheet HTML 4Page - Maxim Integrated Products MAX312MJE Datasheet HTML 5Page - Maxim Integrated Products MAX312MJE Datasheet HTML 6Page - Maxim Integrated Products MAX312MJE Datasheet HTML 7Page - Maxim Integrated Products MAX312MJE Datasheet HTML 8Page - Maxim Integrated Products MAX312MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10
, Quad, SPST, CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = ∆RON max - ∆RON min.
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
(Note 3)
CONDITIONS
V
0V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
12.5
25
ICOM = 10mA,
VNC_ or VNO_ +10V
RON
Channel On-Resistance
35
-1
0.0001
1
TA = +25°C
TA = TMIN to TMAX
100
325
Figure 2,
VNO_ or VNC_ = 8V
ns
425
tON
Turn-On Time
(Note 3)
MAX314 only, Figure 3
RL = 300Ω,
CL = 35pF
tD
Break-Before-Make Time Delay
(Note 3)
5
ns
I+
Positive Supply Current
-5
5
µA
TA = +25°C
TA = TMAX
V+ = 13.2V
all channels on or off,
VIN = 0V or 5V
-1
0.0001
1
VL = 5.5V
all channels on or off,
VIN = 0V or 5V
IL
Logic Supply Current
-5
5
µA
TA = +25°C
TA = TMAX
-1
-0.0001
1
VL = 5.5V
all channels on or off,
VIN = 0V or 5V
IGND
Ground Current
-5
5
µA
TA = +25°C
TA = TMAX
Figure 4,
CL = 1.0nF,
VGEN = 0V,
RGEN = 0V
VCTE
Charge Injection
(Note 3)
-5
pC
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
95
175
Figure 2,
VNO_ or VNC_ = 8V
ns
225
tOFF
Turn-Off Time
(Note 3)
TA = +25°C
TA = +25°C
ANALOG SWITCH
POWER SUPPLY
DYNAMIC


Similar Part No. - MAX312MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312MJE MAXIM-MAX312MJE Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX312MJE MAXIM-MAX312MJE Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
More results

Similar Description - MAX312MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com