Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX305ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX305ESE
Description  Precision, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX305ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX305ESE Datasheet HTML 1Page - Maxim Integrated Products MAX305ESE Datasheet HTML 2Page - Maxim Integrated Products MAX305ESE Datasheet HTML 3Page - Maxim Integrated Products MAX305ESE Datasheet HTML 4Page - Maxim Integrated Products MAX305ESE Datasheet HTML 5Page - Maxim Integrated Products MAX305ESE Datasheet HTML 6Page - Maxim Integrated Products MAX305ESE Datasheet HTML 7Page - Maxim Integrated Products MAX305ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
_______________________________________________________________________________________
Precision, Dual, High-Speed Analog Switches
50%
tOFF
tr < 20ns
tf < 20ns
VO
VO
tON
0.9VO
0.9VO
+3V
0V
VCOM
0V
-VANA
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
SWITCH
INPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR
SWITCHES THAT HAVE THE OPPOSITE LOGIC
SENSE CONTROL
+5V
+15V
V+
VO
RL = 1000Ω
CL = 35pF
V-
-15V
REPEAT TEST FOR EACH SWITCH
0V
GND
LOGIC
INPUT
SWITCH
INPUT
IN1
VCOM = +10V
for tON
VCOM = -10V
for tOFF
FOR LOAD CONDITIONS, SEE
Electrical Characteristics.
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VO = VCOM
RL
RL = RON
V+
VL
COM
NC
OR NO
V-
50%
VO1
VO2
0.9VO
+3V
0V
VCOM
0V
VCOM
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
+5V
VL
+15V
V+
NO
V-
-15V
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC 0 INPUT.
0V
GND
LOGIC
INPUT
VCOM_ = +10V
VCOM_ = +10V
0V
0.9VO
tD
tD
IN_
RL2
NC_
CL2
VO2
RL1
VO1
CL1
RL = 1000Ω
CL = 35pF
COM_
COM_
VGEN
GND
NC OR NO
CL
10nF
VO
0V
-15V
V-
VL
V+
RGEN
VO
INX
ON
OFF
ON
∆VO
Q = (
∆VO)(CL)
COM
+5V
+15V
Figure 2. Switching-Time Test Circuit
Figure 3. Break-Before-Make Test Circuit
Figure 4. Charge-Injection Test Circuit


Similar Part No. - MAX305ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050-MAX3057 MAXIM-MAX3050-MAX3057 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
More results

Similar Description - MAX305ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Maxim Integrated Produc...
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211_05 Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4213 ALD-ALD4213 Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Toshiba Semiconductor
SSM6N35AFE TOSHIBA-SSM6N35AFE Datasheet
230Kb / 9P
   High-Speed Switching Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com