Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3131 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3131
Description  3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3131 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3131 Datasheet HTML 5Page - Maxim Integrated Products MAX3131 Datasheet HTML 6Page - Maxim Integrated Products MAX3131 Datasheet HTML 7Page - Maxim Integrated Products MAX3131 Datasheet HTML 8Page - Maxim Integrated Products MAX3131 Datasheet HTML 9Page - Maxim Integrated Products MAX3131 Datasheet HTML 10Page - Maxim Integrated Products MAX3131 Datasheet HTML 11Page - Maxim Integrated Products MAX3131 Datasheet HTML 12Page - Maxim Integrated Products MAX3131 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3V to 5.5V, IrDA Infrared Transceiver with
Integrated RS-232 Interface
_______________________________________________________________________________________
9
MAX3130
EDGE
EDGE
Rx
RxIN
TxIN
Tx
ENDEC
CHARGE PUMP
SHDN
1
µF
RSET
GND
VCC
1
µF
AGND
AVCC
EDGEDET
T2OUT
R2IN
R1IN
RSSD
V+
V-
LEDC
PGND
PINC
1.2V
C4
C3
T1OUT
RS-232
INPUTS
RS-232
OUTPUTS
OFF
ON
IR
232
OFF
ON
RECEIVE
LOGIC
OUTPUTS
TRANSMIT
LOGIC
INPUTS
C1+
C1
C1-
C2+
C2
C2-
IRSD
BIAS
5k
5k
BAUD16
IRMODE
R1OUT
R2OUT
T1IN
T2IN
fBAUD16
Figure 1. MAX3130 Functional Diagram


Similar Part No. - MAX3131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX313 MAXIM-MAX313 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX313 MAXIM-MAX313 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX313 MAXIM-MAX313 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX31328 MAXIM-MAX31328 Datasheet
736Kb / 26P
   ±3.5ppm, I2C RTC with Integrated Crystal and Power Management
Rev 0; 2/21
MAX31328 MAXIM-MAX31328 Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
More results

Similar Description - MAX3131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com