Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-2140WP-T3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-2140WP-T3AE
Description  21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-2140WP-T3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-2140WP-T3AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-2140WP-T3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Panel Cut-out Dimensions: 550.3mm x 341.8 mm (21.67" x 13.46")
TPC-2140WP
Ordering Information
ƒ
TPC-2140WP-T3AE
21.5" full-HD Multi-Touch Panel PC, AMD T56E, 4GB
Accessory
ƒ
1757003463
100-240VAC to 19VDC 90W Power Adapter
ƒ
1700001524
Power Cord 3P UL 10A 125V 1.8M
ƒ
PWR-247-AE
50W DC 24V/2.3A Output Power Supply
ƒ
1702002605
Power cable EU Plug 1.8M
ƒ
1702031801
Power cable UK Plug 1.8M
ƒ
1702031836
Power cable China/Australia Plug 1.8M
Rear View
a. COM 1 & 2 (RS-232)
b. Audio (Line out, Mic in)
c. HDMI
d. USB 2.0
e. LAN (10/100/1000)
f. Power Receptor
g1.COM3 (RS-232)
g2.COM4 (RS-422/485)
h. Mini PCI-E slot
i. 2.5" SATA HDD Housing
b
a
c
e f
g1
h
i
d
g2
Unit: mm [inch]
2 [0.08]
Wall thickness
550.30 [21.67]
R5
[0.20]
Panel Cut-Out Dimension
478.20 [18.83]
558.40 [21.98]
21.5"
37.1 [1.46]
7 [0.28]
56.7 [2.23]
558.40 [21.98]


Similar Part No. - TPC-2140WP-T3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
495Kb / 2P
   21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com