Electronic Components Datasheet Search |
|
MAX3110 Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX3110 Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 32 page SPI/MICROWIRE-Compatible UART and ±15kV ESD- Protected RS-232 Transceivers with Internal Capacitors 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS—MAX3110E (continued) (VCC = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at VCC = +5V, TA = +25°C.) (Note 2) CONDITIONS UNITS MIN TYP MAX SYMBOL PARAMETER ns 0 tDH DIN to SCLK Hold Time ns 100 tDS DIN to SCLK Setup Time ns 238 tCP SCLK Period ns 100 tCL SCLK Low Time ns 100 tCH SCLK High Time ns 100 tCS0 SCLK Rising Edge to CS Falling TX, RTS, DOUT; CL = 100pF ns 10 tr Output Rise Time ns 200 tCSW CS High Pulse Width ns 200 tCS1 CS Rising Edge to SCLK Rising Edge TX, RTS, DOUT, IRQ; CL = 100pF ns 10 tf Output Fall Time CL = 150pF to 2500pF 430 V/µs Receiver Skew |tPHL - tPLH| 50 ns CL = 150pF to 1000pF Transmitter Skew |tPHL - tPLH| 100 ns tPLH 150 ns Transition-Region Slew Rate 630 Maximum Data Rate 250 kbps Receiver Propagation Delay tPHL 150 (Note 5) CL = 150pF VCC = 5V, RL = 3kΩ to 7kΩ, TA = +25°C, measured from +3V to -3V or -3V to +3V RL = 3kΩ, CL = 1000pF, one transmitter switching Receiver input to receiver output RS-232 AC TIMING |
Similar Part No. - MAX3110 |
|
Similar Description - MAX3110 |