Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3111E Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3111E
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111E Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3111E Datasheet HTML 7Page - Maxim Integrated Products MAX3111E Datasheet HTML 8Page - Maxim Integrated Products MAX3111E Datasheet HTML 9Page - Maxim Integrated Products MAX3111E Datasheet HTML 10Page - Maxim Integrated Products MAX3111E Datasheet HTML 11Page - Maxim Integrated Products MAX3111E Datasheet HTML 12Page - Maxim Integrated Products MAX3111E Datasheet HTML 13Page - Maxim Integrated Products MAX3111E Datasheet HTML 14Page - Maxim Integrated Products MAX3111E Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
______________________________________________________________________________________
11
SPI Interface
The MAX3110E/MAX3111E are compatible with SPI,
QSPI (CPOL = 0, CPHA = 0), and MICROWIRE serial-
interface standards (Figure 2). The MAX3110E/
MAX3111E have a unique full-duplex-only architecture
that expects a 16-bit word for DIN and simultaneously
produces a 16-bit word for DOUT regardless of which
read/write register is used. The DIN stream is moni-
tored for its first two bits to tell the UART the type of
data transfer being executed (see the
Write
Configuration Register, Read Configuration Register,
Write Data Register, and Read Data Register sections).
DIN (MOSI) is latched on SCLK’s rising edge. DOUT
(MISO) should be read into the µP on SCLK’s rising
edge. The first bit (bit 15) of DOUT transitions on CS’s
falling edge, and bits 14–0 transition on SCLK’s falling
edge. Figure 3 shows the detailed serial timing specifi-
cations for the synchronous SPI port.
Only 16-bit words are expected. If CS goes high in the
middle of a transmission (any time before the 16th bit),
the sequence is aborted (i.e., data does not get written
to individual registers). Most operations, such as the
clearing of internal registers, are executed only on CS’s
rising edge. Every time CS goes low, a new 16-bit
stream is expected. An example of using the Write
Configuration Register is shown in Figure 4.
Table 1 describes the bits located in the Write Config-
uration, Read Configuration, Write Data, and Read
Data Registers. This table also describes whether the
bit is a read or a write bit and the power-on reset state
(POR) of the bits. Figure 5 shows an example of parity
and word-length control.
CS
SCLK
SCLK
SCLK
SCLK
(CPOL = 0, CPHA = 0)
(CPOL = 0, CPHA = 1)
(CPOL = 1, CPHA = 0)
(CPOL = 1, CPHA = 1)
COMPATIBLE
WITH MAX3110E/MAX3111E
NOT COMPATIBLE
WITH MAX3110E/MAX3111E
DIN
MSB
13
14
12
11
10
9
8
7
6
5
4
3
2
1
LSB
DOUT
MSB
13
14
12
11
10
9
8
7
6
5
4
3
2
1
LSB
Figure 2. Compatible CPOL and CPHA Timing Modes
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSO
tCSS
tCL
tDS
tDH
tDV
tCH
tDO
tTR
tCSH
tCS1
Figure 3. Detailed Serial Timing Specifications for the Synchronous SPI Port


Similar Part No. - MAX3111E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3111E MAXIM-MAX3111E Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3111ECNI MAXIM-MAX3111ECNI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3111ECWI MAXIM-MAX3111ECWI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3111EENI MAXIM-MAX3111EENI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3111EEWI MAXIM-MAX3111EEWI Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
More results

Similar Description - MAX3111E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E_05 Datasheet
315Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Rev 1; 12/05
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com