Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC_HCT126 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC_HCT126
Description  Quad buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT126 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC_HCT126_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT126_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74HC_HCT126
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 22 September 2014
5 of 16
NXP Semiconductors
74HC126; 74HCT126
Quad buffer/line driver; 3-state
10. Dynamic characteristics
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =6.0 V
-
-
8.0
-
80
-
160
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
74HCT126
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO = 20 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 6.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC = 4.5 V
IO = 20 A
-
0
0.1
-
0.1
-
0.1
V
IO = 6.0 mA
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC =5.5 V
-
-
0.1
-
1.0
-
1.0
A
IOZ
OFF-state
output current
VI =VIH or VIL; VO =VCC or
GND; other inputs at VCC or
GND; VCC = 5.5 V; IO =0A
--
0.5
-
5.0
-
10
A
ICC
supply current
VI =VCC or GND; IO = 0 A;
VCC =5.5 V
-
-
8.0
-
80
-
160
A
I
CC
additional
supply current
per input pin; IO =0A;
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V;
nA, nOE inputs
-
100
360
-
450
-
490
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit, see Figure 8.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +125 C
Unit
Min
Typ
Max
Max (85
C) Max (125 C)
74HC126
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 2.0 V
-
30
100
125
150
ns
VCC = 4.5 V
-
11
20
25
30
ns
VCC = 5.0 V; CL =15pF
-
9
-
-
-
ns
VCC = 6.0 V
-
9
17
21
26
ns


Similar Part No. - 74HC_HCT126_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
More results

Similar Description - 74HC_HCT126_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com