Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3185CWP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3185CWP
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3185CWP Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX3185CWP Datasheet HTML 1Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 2Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 3Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 4Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 5Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 6Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 7Page - Maxim Integrated Products MAX3185CWP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
±15kV ESD-Protected, EMC-Compliant, 230kbps
RS-232 Serial Port for Motherboards/Desktop PCs
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
________________________________________________________Package Information
DIM
A
A1
B
C
E
e
H
L
MIN
0.093
0.004
0.014
0.009
0.291
0.394
0.016
MAX
0.104
0.012
0.019
0.013
0.299
0.419
0.050
MIN
2.35
0.10
0.35
0.23
7.40
10.00
0.40
MAX
2.65
0.30
0.49
0.32
7.60
10.65
1.27
INCHES
MILLIMETERS
21-0042A
Wide SO
SMALL-OUTLINE
PACKAGE
(0.300 in.)
DIM
D
D
D
D
D
MIN
0.398
0.447
0.496
0.598
0.697
MAX
0.413
0.463
0.512
0.614
0.713
MIN
10.10
11.35
12.60
15.20
17.70
MAX
10.50
11.75
13.00
15.60
18.10
INCHES
MILLIMETERS
PINS
16
18
20
24
28
1.27
0.050
L
H
E
D
e
A
A1
C
0°- 8°
0.101mm
0.004in.
B
L
DIM
A
A1
B
C
D
E
e
H
L
α
DIM
D
D
D
D
D
MIN
0.068
0.002
0.010
0.004
0.205
0.301
0.025
MIN
0.239
0.239
0.278
0.317
0.397
MAX
0.078
0.008
0.015
0.008
0.209
0.311
0.037
MAX
0.249
0.249
0.289
0.328
0.407
MIN
1.73
0.05
0.25
0.09
5.20
7.65
0.63
MIN
6.07
6.07
7.07
8.07
10.07
MAX
1.99
0.21
0.38
0.20
5.38
7.90
0.95
PINS
14
16
20
24
28
MAX
6.33
6.33
7.33
8.33
10.33
INCHES
INCHES
MILLIMETERS
MILLIMETERS
α
SSOP
SHRINK
SMALL-OUTLINE
PACKAGE
H
E
D
A
A1
C
B
0.65 BSC
0.0256 BSC
21-0056A
e
SEE VARIATIONS


Similar Part No. - MAX3185CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX31850EVKIT MAXIM-MAX31850EVKIT Datasheet
1Mb / 13P
   MAX31850/MAX31851 Evaluation Kit
Rev 0; 7/13
MAX31850EVKIT# MAXIM-MAX31850EVKIT# Datasheet
1Mb / 13P
   MAX31850/MAX31851 Evaluation Kit
Rev 0; 7/13
MAX31851 MAXIM-MAX31851 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
More results

Similar Description - MAX3185CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX1406 MAXIM-MAX1406 Datasheet
72Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
19-1120; Rev 0; 9/96
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3209E MAXIM-MAX3209E Datasheet
111Kb / 8P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 1; 9/99
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com