Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX318CJA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX318CJA
Description  Precision, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX318CJA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX318CJA Datasheet HTML 1Page - Maxim Integrated Products MAX318CJA Datasheet HTML 2Page - Maxim Integrated Products MAX318CJA Datasheet HTML 3Page - Maxim Integrated Products MAX318CJA Datasheet HTML 4Page - Maxim Integrated Products MAX318CJA Datasheet HTML 5Page - Maxim Integrated Products MAX318CJA Datasheet HTML 6Page - Maxim Integrated Products MAX318CJA Datasheet HTML 7Page - Maxim Integrated Products MAX318CJA Datasheet HTML 8Page - Maxim Integrated Products MAX318CJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Precision, CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS — Single Supply
(V+ = 12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
SWITCH
Analog-Signal Range
VCOM,
(Note 3)
0
12
V
VNO, VNC
Drain-Source On Resistance
R(ON)
I(NC or NO) = -10mA, VCOM = 3.8V, V+ = 10.8V
40
100
DYNAMIC
Turn-On Time
tON
VCOM = 8V, Figure 2
110
ns
Turn-Off Time
tOFF
VCOM = 8V, Figure 2
40
ns
Break-Before-Make
tD
MAX319, RL = 1000Ω, CL = 35pF,
60
ns
Time Delay
Figure 4
Charge Injection
Q
CL = 10nF, VGEN = 0V, RGEN = 0V,
210
pC
Figure 5
SUPPLY
Positive Supply Current
I+
V+ = 13.2V, all channels on or off,
0.0001
µA
VIN = 0V or 5V, VL = 5.25V
Negative Supply Current
I-
V+ = 13.2V, all channels on or off,
0.0001
µA
VIN = 0V or 5V, VL = 5.25V
Logic Supply Current
IL
VL = 5.25V, all channels on or off,
0.0001
µA
VIN = 0V or 5V
Ground Current
IGND
VL = 5.25V, all channels on or off,
-0.0001
µA
VIN = 0V or 5V
Note 2: Typical values are for design aid only, not guaranteed, not subject to production testing.
Note 3: Guaranteed by design.
Note 4: On resistance match between channels and flatness are guaranteed only with bipolar-supply operation.
Note 5: Off Isolation = 20log
10
(
VCOM
) , VCOM = output, VNC or VNO = input to off switch.
VNC or VNO
Note 6: Between any two switches.


Similar Part No. - MAX318CJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
19-1444; Rev 1; 7/99
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180-MAX3183 MAXIM-MAX3180-MAX3183 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180E MAXIM-MAX3180E Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180EEUK-T MAXIM-MAX3180EEUK-T Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
More results

Similar Description - MAX318CJA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com