Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3189 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3189
Description  1Mbps, 1關A RS-232 Transmitters in SOT23-6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3189 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3189 Datasheet HTML 1Page - Maxim Integrated Products MAX3189 Datasheet HTML 2Page - Maxim Integrated Products MAX3189 Datasheet HTML 3Page - Maxim Integrated Products MAX3189 Datasheet HTML 4Page - Maxim Integrated Products MAX3189 Datasheet HTML 5Page - Maxim Integrated Products MAX3189 Datasheet HTML 6Page - Maxim Integrated Products MAX3189 Datasheet HTML 7Page - Maxim Integrated Products MAX3189 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1Mbps, 1µA RS-232 Transmitters in SOT23-6
_______________________________________________________________________________________
3
0
1.0
0.5
1.5
2.0
2.5
0
0.4
0.3
0.1 0.2
0.5 0.6 0.7 0.8 0.9 1.0
SUPPLY CURRENT vs. DATA RATE
(CL = 150pF)
DATA RATE (Mbps)
ICC (MAX3189)
IEE (MAX3189)
IEE (MAX3188)
ICC (MAX3188)
0
4
3
2
1
5
6
7
0
0.4
0.3
0.1 0.2
0.5 0.6 0.7 0.8 0.9 1.0
SUPPLY CURRENT vs. DATA RATE
(CL = 1000pF)
DATA RATE (Mbps)
MAX3189
MAX3188
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
500
1000
1500
2000
2500
MAX3188
SUPPLY CURRENT
vs. OUTPUT CAPACITANCE
OUTPUT CAPACITANCE (pF)
250kbps
120kbps
40kbps
0
4
2
8
6
12
10
14
0
1000
500
1500
2000
2500
MAX3189
SUPPLY CURRENT
vs. OUTPUT CAPACITANCE
OUTPUT CAPACITANCE (pF)
500kbps
240kbps
40kbps
1Mbps
0
4
2
8
6
12
10
14
0
1000
500
1500
2000
2500
MAX3188
SLEW RATE vs. OUTPUT CAPACITANCE
OUTPUT CAPACITANCE (pF)
-SLEW
+SLEW
0
20
10
50
40
30
80
70
60
90
0
1000
500
1500
2000
2500
MAX3189
SLEW RATE vs. OUTPUT CAPACITANCE
OUTPUT CAPACITANCE (pF)
-SLEW
+SLEW
SHDN
TOUT
0
-5V
+5V
0
+2V
1
µs/div
MAX3188
TRANSMITTER OUTPUT
SHUTDOWN WAVEFORM
MAX3188/9 toc07
CL = 150pF
SHDN
TOUT
0
-5V
+5V
0
+2V
1
µs/div
MAX3189
TRANSMITTER OUTPUT
SHUTDOWN WAVEFORM
MAX3188/9 toc08
CL = 150pF
Typical Operating Characteristics
(VCC = +5.4V, VEE = -5.4V, RL = 3k
Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3189EEUT-T MAXIM-MAX3189EEUT-T Datasheet
141Kb / 8P
   ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
Rev 0; 1/00
More results

Similar Description - MAX3189

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3188E MAXIM-MAX3188E Datasheet
141Kb / 8P
   ±15kV ESD-Protected, 1Mbps, 1uA RS-232 Transmitters in SOT23-6
Rev 0; 1/00
MAX3190-MAX3190E MAXIM-MAX3190-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
logo
Intersil Corporation
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com