Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3203EETT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3203EETT
Description  Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3203EETT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3203EETT Datasheet HTML 2Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 3Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 4Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 5Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 6Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 7Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 8Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 9Page - Maxim Integrated Products MAX3203EETT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. The MAX3202E/
MAX3203E/MAX3204E/MAX3206E help users design
equipment that meets Level 4 of IEC 61000-4-2.
The main difference between tests done using the
Human Body Model and IEC 61000-4-2 is higher peak
current in IEC 61000-4-2. Because series resistance is
lower in the IEC 61000-4-2 ESD test model (Figure 6)
the ESD-withstand voltage measured to this standard is
generally lower than that measured using the Human
Body Model. Figure 3 shows the current waveform for
the ±8kV IEC 61000-4-2 Level 4 ESD Contact
Discharge test.
The Air-Gap Discharge test involves approaching the
device with a charged probe. The Contact Discharge
method connects the probe to the device before the
probe is energized.
Layout Recommendations
Proper circuit-board layout is critical to suppress ESD-
induced line transients. The MAX3202E/MAX3203E/
MAX3204E/MAX3206E clamp to 100V; however, with
improper layout, the voltage spike at the device is
much higher. A lead inductance of 10nH with a 45A
current spike at a dv/dt of 1ns results in an
ADDITION-
AL 450V spike on the protected line. It is essential that
the layout of the PC board follows these guidelines:
1) Minimize trace length between the connector or
input terminal, I/O_, and the protected signal line.
2) Use separate planes for power and ground to reduce
parasitic inductance and to reduce the impedance to
the power rails for shunted ESD current.
3) Ensure short ESD transient return paths to GND
and VCC.
4) Minimize conductive power and ground loops.
5) Do not place critical signals near the edge of the
PC board.
6) Bypass VCC to GND with a low-ESR ceramic capac-
itor as close to VCC as possible.
7) Bypass the supply of the protected device to GND
with a low-ESR ceramic capacitor as close to the
supply pin as possible.
UCSP Considerations
For general UCSP package information and PC layout
considerations, refer to Maxim Application Note 263,
Wafer-Level Chip-Scale Package.
___________________UCSP Reliability
The UCSP represents a unique packaging form factor
that may not perform equally to a packaged product
through traditional mechanical reliability tests. UCSP
reliability is integrally linked to the user’s assembly meth-
ods, circuit-board material, and usage environment.
The user should closely review these areas when con-
sidering use of a UCSP. Performance through operat-
ing life test and moisture resistance remains
uncompromised as it is primarily determined by the
wafer-fabrication process. Mechanical stress perfor-
mance is a greater consideration for a UCSP. UCSPs
are attached through direct solder contact to the user’s
PC board, foregoing the inherent stress relief of a pack-
aged product lead frame. Solder-joint contact integrity
must be considered. Table 1 shows the testing done to
characterize the UCSP reliability performance. In con-
clusion, the UCSP is capable of performing reliably
through environmental stresses as indicated by the
results in the table. Additional usage data and recom-
mendations are detailed in the UCSP application note,
which can be found on Maxim’s website at
www.maxim-ic.com.
Chip Information
DIODE COUNT:
MAX3202E: 4
MAX3203E: 6
MAX3204E: 8
MAX3206E: 12
PROCESS: BiCMOS
Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD
Protection Arrays for High-Speed Data Interfaces
6
_______________________________________________________________________________________
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50Ω to 100Ω
RD
330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 6. IEC 61000-4-2 ESD Test Model


Similar Part No. - MAX3203EETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3203EETT MAXIM-MAX3203EETT Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
MAX3203EETT+T MAXIM-MAX3203EETT+T Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3203EETT+T MAXIM-MAX3203EETT+T Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3203EETTT MAXIM-MAX3203EETTT Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
More results

Similar Description - MAX3203EETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3202E MAXIM-MAX3202E_V01 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 짹15kV ESD Protection Arrays for High-Speed Data Interfaces
2011
MAX3202E MAXIM-MAX3202E_09 Datasheet
152Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD Protection Arrays for High-Speed Data Interfaces
MAX3202E MAXIM-MAX3202E_11 Datasheet
231Kb / 9P
   Low-Capacitance, 2/3/4/6-Channel, 15kV ESD Protection Arrays for High-Speed Data Interfaces
Rev 5; 6/11
logo
Texas Instruments
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com