Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX319CPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX319CPA
Description  Precision, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX319CPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX319CPA Datasheet HTML 1Page - Maxim Integrated Products MAX319CPA Datasheet HTML 2Page - Maxim Integrated Products MAX319CPA Datasheet HTML 3Page - Maxim Integrated Products MAX319CPA Datasheet HTML 4Page - Maxim Integrated Products MAX319CPA Datasheet HTML 5Page - Maxim Integrated Products MAX319CPA Datasheet HTML 6Page - Maxim Integrated Products MAX319CPA Datasheet HTML 7Page - Maxim Integrated Products MAX319CPA Datasheet HTML 8Page - Maxim Integrated Products MAX319CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS — Dual Supplies (continued)
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINL = 0.8V, VINH = 2.4V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP.
MIN
TYP
MAX
UNITS
(Note 2)
LOGIC INPUT
Logic Input Current
IIH
VIN = 2.4V
-0.5
0.005
0.5
µA
(Input Voltage High)
Logic Input Current
IIL
VIN = 0.8V
-0.5
0.005
0.5
µA
(Input Voltage Low)
DYNAMIC
Turn-On Time
tON
MAX317, MAX318, Figure 2,
TA = +25°C
100
175
ns
VCOM = ±10V
TA = TMIN to TMAX
250
Turn-Off Time
tOFF
MAX317, MAX318, Figure 2,
TA = +25°C
60
145
ns
VCOM = ±10V
TA = TMIN to TMAX
210
Transition Time
tTRANS
MAX319, Figure 3,
TA = +25°C
175
ns
VNO = ±10V, VNC = ±10V
TA = TMIN to TMAX
250
Break-Before-Make Interval
tD
MAX319, Figure 4,
TA = +25°C
5
13
ns
VNO = VNC = ±10V
Charge Injection
Q
VGEN = 0V, Figure 5
TA = +25°C
3
10
pC
Off Isolation (Note 5)
OIRR
RL = 50Ω, CL = 5pF,
TA = +25°C
68
dB
f = 1MHz, Figure 7
Crosstalk (Note 6)
RL = 50Ω, CL = 5pF,
TA = +25°C
85
dB
f = 1MHz, Figure 8
COM Off Capacitance
CCOM(OFF) VCOM = 0V, f = 1MHz, Figure 8
TA = +25°C
8
pF
Off Capacitance NC or NO
C(OFF)
VCOM = 0V, f = 1MHz, Figure 8
TA = +25°C
8
pF
Channel-On Capacitance
VS = 0V, f = 1MHz,
MAX317,
TA = +25°C
30
pF
CCOM(ON)
Figure 9
MAX318
COM Terminal
MAX319
35
SUPPLY
Positive Supply Current
I+
VIN = 0V or 5V, V+ = 16.5V,
TA = +25°C
-1
0.0001
1
µA
V- = -16.5V
TA = TMIN to TMAX
-5
5
Negative Supply Current
I-
VIN = 0V or 5V, V+ = 16.5V,
TA = +25°C
-1
-0.0001
1
µA
V- = -16.5V
TA = TMIN to TMAX
-5
5
Logic Supply Current
IL
VIN = 0V or 5V, V+ = 16.5V,
TA = +25°C
-1
0.0001
1
µA
V- = -16.5V
TA = TMIN to TMAX
-5
5
Ground Current
IGND
VIN = 0V or 5V, V+ = 16.5V,
TA = +25°C
-1
-0.0001
1
µA
V- = -16.5V
TA = TMIN to TMAX
-5
5


Similar Part No. - MAX319CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3190 MAXIM-MAX3190 Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190-MAX3190E MAXIM-MAX3190-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190E MAXIM-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190EEUT-T MAXIM-MAX3190EEUT-T Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190EUT-T MAXIM-MAX3190EUT-T Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
More results

Similar Description - MAX319CPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com