Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3212EAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3212EAI
Description  2.7V to3.6V-Powered, 1關A Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3212EAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3212EAI Datasheet HTML 4Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 5Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 6Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 7Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 8Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 9Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 10Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 11Page - Maxim Integrated Products MAX3212EAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
+2.7V to +3.6V-Powered, 1µA Supply Current,
3-Driver/5-Receiver, True RS-232 Transceiver
______________________________________________________________________________________
11
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
GND
V+
FORCEON
FORCEOFF
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T2OUT
T3OUT
V-
T3IN
LN
LP
VCC
EN
TRAN
INVALID
R5OUTB
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
T1IN
T2IN
SO/SSOP
TOP VIEW
MAX3212
__________________Pin Configuration
TRANSISTOR COUNT: 1435


Similar Part No. - MAX3212EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218 MAXIM-MAX3218 Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218 MAXIM-MAX3218 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218C/D MAXIM-MAX3218C/D Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218CAP MAXIM-MAX3218CAP Datasheet
123Kb / 12P
   1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Rev 0; 3/95
MAX3218CAP++ MAXIM-MAX3218CAP+ Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
More results

Similar Description - MAX3212EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242EVKIT MAXIM-MAX2242EVKIT Datasheet
156Kb / 5P
   2.7V to 3.6V True Single-Supply Operation Evaluation Kit
Rev 0; 1/01
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L2G81A ESMT-F59L2G81A Datasheet
1Mb / 55P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Union Semiconductor, In...
UM3243 UNIONSEMI-UM3243 Datasheet
541Kb / 22P
   Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
logo
Exar Corporation
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com