Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX312-MAX314 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX312-MAX314
Description  10?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312-MAX314 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX312-MAX314 Datasheet HTML 2Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 3Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 4Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 5Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 6Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 7Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 8Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 9Page - Maxim Integrated Products MAX312-MAX314 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
10
, Quad, SPST, CMOS Analog Switches
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Logic Supply Voltage
12
12
Analog Signal Normally Open Terminals
Analog Signal Normally Closed Terminals
Negative Analog Supply Input (connect to GND for single-supply operation)
4
4
Logic Level Ground
5
5
Analog Signal Normally Open Terminals
3, 6,
11, 14
Analog Signal Normally Closed Terminals
3, 6,
11, 14
Analog Signal Common Terminals
2, 7,
10, 15
2, 7,
10, 15
Logic Level Inputs
1, 8,
9, 16
1, 8,
9, 16
FUNCTION
12
3, 6
11, 14
4
5
2, 7,
10, 15
1, 8,
9, 16
PIN
VL
NO1, NO4
NC3, NC2
V-
GND
NO1, NO4,
NO3, NO2
NC1, NC4,
NC3, NC2
COM1, COM4,
COM3, COM2
IN2, IN4,
IN3, IN2
NAME
Positive Analog Supply Input
13
13
13
V+
MAX312
MAX313
MAX314
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
-120
10
100
1000
10000
100000
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
-80
-100
FREQUENCY (Hz)
-60
-40
-20
100
.0001
.01
.001
.1
1
10
SIGNAL DISTORTION
MEASUREMENT LIMITS
V+ = 15V
V- = -15V
5VRMS SIGNAL
600
Ω SOURCE AND LOAD
0
-80
1
10
100
300
FREQUENCY RESPONSE
-60
-70
FREQUENCY (MHz)
-50
-20
-30
-40
-10
20
-60
-40
-50
-30
0
-10
-20
10
ON
PHASE
ON RESPONSE
OFF ISOLATION
2.5pF CAPACITOR
(FOR REFERENCE ONLY)


Similar Part No. - MAX312-MAX314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX312 MAXIM-MAX312 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX3120 MAXIM-MAX3120 Datasheet
151Kb / 8P
   Low-Profile, 3V, 120uA, IrDA Infrared Transceiver
Rev 0; 10/98
MAX3120CSA MAXIM-MAX3120CSA Datasheet
151Kb / 8P
   Low-Profile, 3V, 120uA, IrDA Infrared Transceiver
Rev 0; 10/98
MAX3120CUA MAXIM-MAX3120CUA Datasheet
151Kb / 8P
   Low-Profile, 3V, 120uA, IrDA Infrared Transceiver
Rev 0; 10/98
More results

Similar Description - MAX312-MAX314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com