Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3222CPN Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3222CPN
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3222CPN Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3222CPN Datasheet HTML 2Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 3Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 4Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 5Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 6Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 7Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 8Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 9Page - Maxim Integrated Products MAX3222CPN Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
6
_______________________________________________________________________________________
FUNCTION
MAX3222
Noninverting Complementary Receiver Outputs.
Always active.
DIP/SO
SSOP
11, 14
1
1
Receiver Enable. Active low.
2
2
Positive Terminal of Voltage-Doubler Charge-Pump
Capacitor
6
6
Negative Terminal of Inverting Charge-Pump
Capacitor
5
5
Positive Terminal of Inverting Charge-Pump
Capacitor
4
4
Negative Terminal of Voltage-Doubler Charge-Pump
Capacitor
3
3
+5.5V Generated by the Charge Pump
11, 12
12, 13
TTL/CMOS Transmitter Inputs
10, 13
10, 15
TTL/CMOS Receiver Outputs
9, 14
9, 16
RS-232 Receiver Inputs
8, 15
8, 17
RS-232 Transmitter Outputs
7
7
-5.5V Generated by the Charge Pump
18
20
Shutdown Control. Active low.
17
19
+3.0V to +5.5V Supply Voltage
16
18
Ground
No Connection
MAX3237
MAX3232
16
13
1
28
5
3
4
1
3
25
2
27
10, 11
17, 19, 22,
23, 24
9, 12
18, 20, 21
8, 13
8, 9, 11
7, 14
5, 6, 7,
10, 12
6
4
14
16
26
15
2
NAME
EN
C1+
C2-
C2+
C1-
V+
T_IN
R_OUT
R_IN
T_OUT
V-
SHDN
VCC
GND
R_OUTB
N.C.
MAX3241
20, 21
23
28
2
1
24
27
12, 13, 14
15–19
4–8
9, 10, 11
3
22
26
25
PIN
MegaBaud Control Input. Connect to GND for normal
operation; connect to VCC for 1Mbps transmission rates.
15
MBAUD
______________________________________________________________Pin Description


Similar Part No. - MAX3222CPN

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX3222CPN TGS-MAX3222CPN Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Maxim Integrated Produc...
MAX3222CPN MAXIM-MAX3222CPN Datasheet
464Kb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
ARTSCHIP ELECTRONICS CO...
MAX3222CPN ARTSCHIP-MAX3222CPN Datasheet
1Mb / 15P
   Transceivers Transmitter
logo
Maxim Integrated Produc...
MAX3222CPN++ MAXIM-MAX3222CPN+ Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
More results

Similar Description - MAX3222CPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_14 Datasheet
464Kb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
MAX3232CUE-T MAXIM-MAX3232CUE-T Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
Tiger Electronic Co.,Lt...
MAX3232 TGS-MAX3232 Datasheet
362Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com