Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3229 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3229
Description  2.5V to 5.5V RS-232 Transceivers in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3229 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3229 Datasheet HTML 1Page - Maxim Integrated Products MAX3229 Datasheet HTML 2Page - Maxim Integrated Products MAX3229 Datasheet HTML 3Page - Maxim Integrated Products MAX3229 Datasheet HTML 4Page - Maxim Integrated Products MAX3229 Datasheet HTML 5Page - Maxim Integrated Products MAX3229 Datasheet HTML 6Page - Maxim Integrated Products MAX3229 Datasheet HTML 7Page - Maxim Integrated Products MAX3229 Datasheet HTML 8Page - Maxim Integrated Products MAX3229 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX3228/MAX3229 are +2.5V to +5.5V powered
EIA/TIA-232 and V.28/V.24 communications interfaces
with low power requirements, and high data-rate capa-
bilities, in a chip-scale package (UCSP™).
The MAX3228/MAX3229 achieve a 1µA supply current
with Maxim’s AutoShutdown™ feature. They save
power without changes to existing BIOS or operating
systems by entering low-power shutdown mode when
the RS-232 cable is disconnected, or when the trans-
mitters of the connected peripherals are off.
The transceivers have a proprietary low-dropout trans-
mitter output stage, delivering RS-232 compliant perfor-
mance from a +3.1V to +5.5V supply, and RS-232
compatible performance with a supply voltage as low
as +2.5V. The dual charge pump requires only four
small 0.1µF capacitors for operation from a +3.0V sup-
ply. Each device is guaranteed to run at data rates of
250kbps while maintaining RS-232 output levels.
The MAX3228/MAX3229 offer a separate power-supply
input for the logic interface, allowing configurable logic
levels on the receiver outputs and transmitter inputs.
Operating over a +1.65V to VCC range, VL provides the
MAX3228/MAX3229 compatibility with multiple logic
families.
The MAX3229 contains one receiver and one transmit-
ter. The MAX3228 contains two receivers and two
transmitters. The MAX3228/MAX3229 are available in
tiny chip-scale packaging and are specified across the
extended industrial temperature range of -40°C to
+85°C.
Applications
Personal Digital Assistants
Cell Phone Data Lump Cables
Set-Top Boxes
Hand-Held Devices
Cell Phones
Features
o 6 5 Chip-Scale Packaging (UCSP)
o 1µA Low-Power AutoShutdown
o 250kbps Guaranteed Data Rate
o Meets EIA/TIA-232 Specifications Down to +3.1V
o RS-232 Compatible to +2.5V Allows Operation
from Single Li+ Cell
o Small 0.1µF Capacitors
o Configurable Logic Levels
+2.5V to +5.5V RS-232 Transceivers
in UCSP
________________________________________________________________ Maxim Integrated Products
1
VL
MAX3228
5k
T2OUT
T2IN
TTL/CMOS
INPUTS
C2-
C2+
C1-
C1+
A1
A5
C1
D1
A2
A3
A6
B6
B1
A4
E3
E4
E2
20
µA
20
µA
E1
C5
B5
V-
V+
VCC
2.5V TO 5.5V
C4
0.1
µF
C3
0.1
µF
C1
0.1
µF
CBYPASS
C2
0.1
µF
0.1
µF
FORCEOFF
FORCEON
INVALID
T1OUT
T1IN
GND
VL
TO POWER-
MANAGEMENT
UNIT
RS-232
OUTPUTS
VL
VL
VL
1.65V TO 5.5V
VL
5k
R2IN
R2OUT
TTL/CMOS
OUTPUTS
D6
C6
E6
E5
R1IN
R1OUT
RS-232
INPUTS
VL
VL
0.1
µF
Typical Operating Circuits
19-2140; Rev 0; 8/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Requires solder temperature profile described in the Absolute
Maximum Ratings section.
*UCSP reliability is integrally linked to the user’s assembly
methods, circuit board material, and environment. Refer to the
UCSP Reliabilitly Notice in the UCSP Reliability section of this
data sheet for more information.
Ordering Information
PART
TEMP. RANGE
PIN-
PACKAGE
MAX3228EBV
-40
°C to +85°C6 ✕ 5 UCSP*
MAX3229EBV
-40
°C to +85°C6 ✕ 5 UCSP*
UCSP is a trademark of Maxim Integrated Products, Inc.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Typical Operating Circuits continued at end of data sheet.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX3229

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3229AE MAXIM-MAX3229AE Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229AEEWV+T MAXIM-MAX3229AEEWV+T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229E MAXIM-MAX3229E Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229EEBV MAXIM-MAX3229EEBV Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3229EEBV-T MAXIM-MAX3229EEBV-T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
More results

Similar Description - MAX3229

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com