Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX322CUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX322CUA
Description  Precision, Dual-Supply, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX322CUA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX322CUA Datasheet HTML 1Page - Maxim Integrated Products MAX322CUA Datasheet HTML 2Page - Maxim Integrated Products MAX322CUA Datasheet HTML 3Page - Maxim Integrated Products MAX322CUA Datasheet HTML 4Page - Maxim Integrated Products MAX322CUA Datasheet HTML 5Page - Maxim Integrated Products MAX322CUA Datasheet HTML 6Page - Maxim Integrated Products MAX322CUA Datasheet HTML 7Page - Maxim Integrated Products MAX322CUA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Precision, Dual-Supply, SPST
Analog Switches
6
_______________________________________________________________________________________
VGEN
NC
or NO
CL
VOUT
-5V
V-
V+
VOUT
IN
OFF
ON
OFF
∆VOUT
Q = (
∆VOUT)(CL)
COM
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN
+5V
RGEN
IN
MAX320
MAX321
MAX322
Figure 4. Charge Injection
tr < 20ns
tf < 20ns
50%
LOGIC
INPUT
V-
-5V
RL
300
NO
or NC
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
tOFF
0V
COM
SWITCH
OUTPUT
0.9 x V0UT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
V+
CL
35pF
+5V
VOUT
VCOM
MAX320
MAX321
MAX322
50%
0.9 x V0UT1
0V
LOGIC
INPUT
SWITCH
OUTPUT 2
(VOUT2)
0V
0.9 x VOUT2
tD
tD
LOGIC
INPUT
V-
-5V
RL2
300
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
COM2
IN
COM1
VOUT2
V+
+5V
CL2
35pF
VCOM1 = +3V
RL1
300
VOUT1
CL1
35pF
NO1
NC2
SWITCH
OUTPUT 1
(VOUT1)
MAX322
VCOM2 = +3V
Figure 2. Switching Time
Figure 3. Break-Before-Make Interval (MAX322 only)
______________________________________________Test Circuits/Timing Diagrams


Similar Part No. - MAX322CUA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
392Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX322CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com