Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX236D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX236D
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX236D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX236D Datasheet HTML 1Page - Maxim Integrated Products MAX236D Datasheet HTML 2Page - Maxim Integrated Products MAX236D Datasheet HTML 3Page - Maxim Integrated Products MAX236D Datasheet HTML 4Page - Maxim Integrated Products MAX236D Datasheet HTML 5Page - Maxim Integrated Products MAX236D Datasheet HTML 6Page - Maxim Integrated Products MAX236D Datasheet HTML 7Page - Maxim Integrated Products MAX236D Datasheet HTML 8Page - Maxim Integrated Products MAX236D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
_______________________________________________________________________________________
3
Note 4: MAX243 R2OUT is guaranteed to be low when R2IN is
≥ 0V or is floating.
ELECTRICAL CHARACTERISTICS—MAX220/222/232A/233A/242/243 (continued)
(VCC = +5V ±10%, C1–C4 = 0.1µF‚ MAX220, C1 = 0.047µF, C2–C4 = 0.33µF, TA = TMIN to TMAX‚ unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
All except MAX220/MAX243, VCC = 5V, no
hysteresis in SHDN
0.2
0.5
1.0
MAX220
0.3
RS-232 Input Hysteresis
MAX243
1
V
35
7
RS-232 Input Resistance
TA = +25°C (MAX220)
35
7
K
IOUT = 3.2mA
0.2
0.4
TTL/CMOS Output Voltage Low
IOUT = 1.6mA (MAX220)
0.4
V
TTL/CMOS Output Voltage High
IOUT = -1.0mA
3.5
VCC - 0.2
V
Sourcing VOUT = GND
-2
-10
TTL/CMOS Output Short-Circuit Current
Shrinking VOUT = VCC
10
30
mA
TTL/CMOS Output Leakage Current
SHDN = VCC or EN = VCC (SHDN = 0V for
MAX222), 0V
≤ VOUT ≤ VCC
±0.05
±10
µA
EN Input Threshold Low
MAX242
1.4
0.8
V
EN Input Threshold High
MAX242
2.0
1.4
V
Operating Supply Voltage
4.5
5.5
V
MAX220
0.5
2
No load
MAX222/MAX232A/MAX233A/
MAX242/MAX243
410
MAX220
12
VCC Supply Current (SHDN = VCC),
figures 5, 6, 11, 19
3k
Ω load both
inputs
MAX222/MAX232A/MAX233A/
MAX242/MAX243
15
µA
TA = +25°C
0.1
10
TA = 0°C to +70°C
2
50
TA = -40°C to +85°C
2
50
Shutdown Supply Current
MAX222/
MAX242
TA = -55°C to +125°C
35
100
µA
SHDN Input Leakage Current
MAX222/MAX242
±1
µA
SHDN Threshold Low
MAX222/MAX242
1.4
0.8
V
SHDN Threshold High
MAX222/MAX242
2.0
1.4
V
MAX222/MAX232A/MAX233/
MAX242/MAX243
612
30
Transition Slew Rate
CL = 50pF to
2500pF, RL = 3k
to 7k
Ω, VCC = 5V,
TA = +25°C,
measured from
+3V to -3V or -3V
MAX220
1.5
3
30.0
V/µs
MAX222/MAX232A/MAX233/
MAX242/MAX243
1.3
3.5
tPHLT
MAX220
4
10
MAX222/MAX232A/MAX233/
MAX242/MAX243
1.5
3.5
Transmitter Propagation Delay TLL to
RS-232 (Normal Operation), Figure 1
tPLHT
MAX220
5
10
µs


Similar Part No. - MAX236D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX236 MAXIM-MAX236 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX236 MAXIM-MAX236 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2360 MAXIM-MAX2360 Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
MAX2360ECM MAXIM-MAX2360ECM Datasheet
327Kb / 24P
   Complete Dual-Band Quadrature Transmitters
Rev 1; 10/00
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
More results

Similar Description - MAX236D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
   5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
   5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com