Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3087 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3087
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3087 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3087 Datasheet HTML 4Page - Maxim Integrated Products MAX3087 Datasheet HTML 5Page - Maxim Integrated Products MAX3087 Datasheet HTML 6Page - Maxim Integrated Products MAX3087 Datasheet HTML 7Page - Maxim Integrated Products MAX3087 Datasheet HTML 8Page - Maxim Integrated Products MAX3087 Datasheet HTML 9Page - Maxim Integrated Products MAX3087 Datasheet HTML 10Page - Maxim Integrated Products MAX3087 Datasheet HTML 11Page - Maxim Integrated Products MAX3087 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
520
560
-60
100
DRIVER PROPAGATION DELAY
(500kbps MODE) vs. TEMPERATURE
600
640
920
TEMPERATURE (°C)
40
760
800
720
680
060
840
880
-40 -20
20
80
Rt = 54Ω
20
25
-60
100
DRIVER PROPAGATION DELAY
(10Mbps MODE) vs. TEMPERATURE
30
60
TEMPERATURE (°C)
40
45
50
40
35
060
55
-40 -20
20
80
Rt = 54Ω
1.83
1.84
-60
100
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
1.85
1.90
TEMPERATURE (°C)
40
1.88
1.87
1.86
060
1.89
-40 -20
20
80
Rt = 54Ω
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-8
-2
OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
6
4
2
-6
-4
0
100
0.01
01
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
0.1
10
1
DIFFERENTIAL OUTPUT VOLTAGE (V)
23
4
5
0
20
40
60
80
100
120
140
OUTPUT CURRENT vs.
DRIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
02468
10
12


Similar Part No. - MAX3087

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3087 MAXIM-MAX3087 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3087CPA MAXIM-MAX3087CPA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3087CSA MAXIM-MAX3087CSA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3087E MAXIM-MAX3087E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3087E MAXIM-MAX3087E Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
More results

Similar Description - MAX3087

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com