Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3244 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3244
Description  1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3244 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3244 Datasheet HTML 1Page - Maxim Integrated Products MAX3244 Datasheet HTML 2Page - Maxim Integrated Products MAX3244 Datasheet HTML 3Page - Maxim Integrated Products MAX3244 Datasheet HTML 4Page - Maxim Integrated Products MAX3244 Datasheet HTML 5Page - Maxim Integrated Products MAX3244 Datasheet HTML 6Page - Maxim Integrated Products MAX3244 Datasheet HTML 7Page - Maxim Integrated Products MAX3244 Datasheet HTML 8Page - Maxim Integrated Products MAX3244 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS—MAX3224/MAX3226/MAX3244
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, tested at 3.3V ±10%; CL = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
TIMING CHARACTERISTICS—MAX3225/MAX3227/MAX3245
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, tested at 3.3V ±10%; CL = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: A transmitter/receiver edge is defined as a transition through the transmitter/receiver input logic thresholds.
Note 3: Transmitter skew is measured at the transmitter zero cross points.
CL = 150pF
to 2500pF
CL = 150pF
to 1000pF
R_IN to R_OUT, CL = 150pF
RL = 3kΩ, CL = 1000pF,
one transmitter switching
VCC = 3.3V, TA = +25°C,
RL = 3kΩ to 7kΩ,
measured from +3V to -3V
or -3V to +3V
Normal operation (MAX3244 only)
Normal operation (MAX3244 only)
(Note 3)
CONDITIONS
0.15
tPLH
µs
0.15
tPHL
kbps
250
Maximum Data Rate
Receiver Propagation Delay
V/µs
4
30
6
30
Transition-Region Slew Rate
ns
200
Receiver Output Enable Time
ns
200
Receiver Output Disable Time
ns
100
 tPHL - tPLH
Transmitter Skew
ns
50
 tPHL - tPLH
Receiver Skew
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 4.5V to 5.5V, RL = 3kΩ,
CL = 1000pF, one transmitter switching
VCC = 3.0V to 4.5V, RL = 3kΩ,
CL = 250pF, one transmitter switching
RL = 3kΩ, CL = 1000pF,
one transmitter switching
VCC = 3.3V, TA = +25°C,
RL = 3kΩ to 7kΩ, CL = 150pF to 1000pF,
measured from +3V to -3V or -3V to +3V
(Note 3)
R_IN to R_OUT, CL = 150pF
Normal operation (MAX3245 only)
Normal operation (MAX3245 only)
CONDITIONS
1000
1000
kbps
250
Maximum Data Rate
V/µs
24
150
Transition-Region Slew Rate
ns
50
 tPHL - tPLH
Receiver Skew
ns
25
 tPHL - tPLH
Transmitter Skew
µs
0.15
tPHL
Receiver Propagation Delay
0.15
tPLH
ns
200
Receiver Output Enable Time
ns
200
Receiver Output Disable Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER


Similar Part No. - MAX3244

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3244 MAXIM-MAX3244 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3244CAI MAXIM-MAX3244CAI Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3244CAI MAXIM-MAX3244CAI Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3244CWI MAXIM-MAX3244CWI Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3244CWI MAXIM-MAX3244CWI Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
More results

Similar Description - MAX3244

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com