Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3270EMH Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3270EMH
Description  155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3270EMH Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3270EMH Datasheet HTML 4Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 5Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 6Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 7Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 8Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 9Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 10Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 11Page - Maxim Integrated Products MAX3270EMH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
155Mbps/622Mbps Clock Recovery and
Data Retiming IC with Fully Integrated
Phase/Frequency Detector
______________________________________________________________________________________
11
________________________________________________________Package Information
E3
E1
E
e
b
D3
D1
D
44-PIN MQFP
METRIC
QUAD FLAT PACK
DIM
A
A1
A2
b
C
D
D1
D3
E
E1
E3
e
L
α
MIN
2.032
0.102
1.930
0.305
0.102
12.954
9.906
12.954
9.906
0.660
MAX
2.388
0.254
2.134
0.457
0.254
13.462
10.109
13.462
10.109
0.940
10°
MIN
0.080
0.004
0.076
0.012
0.004
0.510
0.390
0.510
0.390
0.025
MAX
0.094
0.010
0.084
0.018
0.010
0.530
0.398
0.530
0.398
0.037
10°
MILLIMETERS
INCHES
0.315 REF
3.429 REF
3.429 REF
0.800 REF
0.315 REF
0.315 REF
C
SEE DETAIL "A"
A
A2
A1
α
DETAIL "A"
L
21-0826A


Similar Part No. - MAX3270EMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271D MAXIM-MAX3271D Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271E MAXIM-MAX3271E Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271W MAXIM-MAX3271W Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
More results

Similar Description - MAX3270EMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
logo
Analog Devices
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com