Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX325EJA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX325EJA
Description  Precision, Single-Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX325EJA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX325EJA Datasheet HTML 1Page - Maxim Integrated Products MAX325EJA Datasheet HTML 2Page - Maxim Integrated Products MAX325EJA Datasheet HTML 3Page - Maxim Integrated Products MAX325EJA Datasheet HTML 4Page - Maxim Integrated Products MAX325EJA Datasheet HTML 5Page - Maxim Integrated Products MAX325EJA Datasheet HTML 6Page - Maxim Integrated Products MAX325EJA Datasheet HTML 7Page - Maxim Integrated Products MAX325EJA Datasheet HTML 8Page - Maxim Integrated Products MAX325EJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, Single-Supply,
SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = 5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
CONDITIONS
Turn-On Time
tON
85
150
ns
VNO or VNC = 3V
Break-Before-Make Time
Delay (Note 3)
tD
2
ns
MAX325 only, RL = 300Ω, CL = 35pF
Turn-Off Time
tOFF
25
100
ns
VNO or VNC = 3V
Power-Supply Range
2.7
16
V
Charge Injection
(Note 3)
Q
1
5
pC
CL = 1.0nF, VGEN = 0V,
RGEN = 0V, Figure 4
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
240
150
TA = +25°C
Off Isolation (Note 7)
OIRR
72
dB
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 5
TA = +25°C
Crosstalk (Note 8)
85
dB
RL = 50Ω, CL = 5pF,
f = 1MHz, Figure 6
TA = +25°C
NC or NO Capacitance
COFF
9
pF
f = 1MHz, Figure 7
TA = +25°C
COM Off Capacitance
CCOM(OFF)
9
pF
f = 1MHz, Figure 7
TA = +25°C
COM On Capacitance
CCOM(ON)
22
pF
f = 1MHz, Figure 8
TA = +25°C
Input Voltage High
VINH
2.4
V
Input Voltage Low
VINL
0.8
V
Positive Supply Current
I+
-1
0.0001
1
µA
V+ = 5.5V, VIN = 0V or V+, all channels on or off
DYNAMIC
SUPPLY
LOGIC INPUT


Similar Part No. - MAX325EJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250 Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250CAI MAXIM-MAX3250CAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250EAI MAXIM-MAX3250EAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
More results

Similar Description - MAX325EJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com