Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3287CUE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3287CUE
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3287CUE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3287CUE Datasheet HTML 7Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 8Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 9Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 10Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 11Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 12Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 13Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 14Page - Maxim Integrated Products MAX3287CUE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
______________________________________________________________________________________
11
force a shutdown if a fault is detected. The shutdown
condition is latched until reset by a toggle of EN, EN, or
power.
Another safety system, open fiber control (OFC), uses
safety interlocks to prevent eye hazards. To accommo-
date the OFC standard, the MAX3286/MAX3296 series
provide dual enable inputs and dual fault outputs.
The safety circuitry contains fault detection, dual enable
inputs, latched fault outputs, and a pulse generator
(Figure 6).
Safety circuitry monitors the APC circuit to detect unsafe
levels of laser emission during single-point failures. A
single-point failure can be a short to VCC or GND or a
short between any two IC pins.
Pulse Generator
During startup, the laser does not emit light and the
APC loop is not closed, triggering a fault signal. To
allow startup, an internal fault-delay pulse disables the
safety system for a programmable period of time, allowing
the driver to begin operation. The length of the pulse is
determined by the capacitor connected at FLTDLY and
should be set 5 to 10 times longer than the APC time
constant. The internal safety features can be disabled
by connecting FLTDLY to GND. Note that EN must be
high, EN must be low, and VCC must be in the opera-
tional range for laser operation.
Fault Detection
The MAX3286/MAX3296 series has extensive and com-
prehensive fault-detection features. All critical nodes
are monitored for safety faults, and any node voltage
that differs significantly from its expected value results
in a fault (Table 1). When a fault condition is detected,
the laser is shut down. See the Applications Information
section for more information on laser safety.
Shutdown
The laser drivers offer dual redundant bias shutdown
mechanisms. The SHDNDRV output drives an optional
external MOSFET semiconductor. The bias and modu-
lation drivers have separate internal disable signals.
Latched Fault Output
Two complementary FAULT outputs are provided with
the MAX3286/MAX3296 series. In the event of a fault,
these outputs latch until one of three events occurs:
1) The power is switched off, then on.
VCC
FLTDLY
FAULT
FAULT
SHDNDRV
(FROM POR CIRCUIT)
REF_FAULT
MONITOR_FAULT
MD_FAULT
POLARITY_FAULT
TC_FAULT
MOD_FAULT
EN
EN
ENABLE
Q
R
RESET
DOMINANT
FAULT
LATCH
FAULT
DETECTION
tFLTDLY
PULSE GENERATOR
MAX3286
MAX3296
S
Figure 6. Simplified Safety Circuit Schematic
0.6
0.8
0.7
1.0
0.9
1.2
1.1
1.3
020 3040
10
50 60 70 80 90 100 110
JUNCTION TEMPERATURE (°C)
RTC = OPEN
TEMPCO = 50ppm/°C
RTC ≥ 1.9kΩ
RMOD = OPEN
TEMPCO = 4000ppm/°C
Figure 5. Modulation Current vs. Temperature for Maximum
and Minimum Temperature Coefficient


Similar Part No. - MAX3287CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX328 MAXIM-MAX328 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
MAX328-MAX329 MAXIM-MAX328-MAX329 Datasheet
226Kb / 8P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MAX3280 MAXIM-MAX3280 Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results

Similar Description - MAX3287CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX3266 MAXIM-MAX3266 Datasheet
152Kb / 8P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com