Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX325ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX325ESA
Description  Precision, Single-Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX325ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX325ESA Datasheet HTML 4Page - Maxim Integrated Products MAX325ESA Datasheet HTML 5Page - Maxim Integrated Products MAX325ESA Datasheet HTML 6Page - Maxim Integrated Products MAX325ESA Datasheet HTML 7Page - Maxim Integrated Products MAX325ESA Datasheet HTML 8Page - Maxim Integrated Products MAX325ESA Datasheet HTML 9Page - Maxim Integrated Products MAX325ESA Datasheet HTML 10Page - Maxim Integrated Products MAX325ESA Datasheet HTML 11Page - Maxim Integrated Products MAX325ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Precision, Single-Supply,
SPST Analog Switches
_______________________________________________________________________________________
9
__Ordering Information (continued)
___________________Chip Topography
0.075"
(1.90mm)
0.055"
(1.40mm)
V+
IN2
V-
IN1
COM2
NO/NC
COM1
NO/NC
* Contact factory for dice specifications.
** Contact factory for availability.
TRANSISTOR COUNT: 91
SUBSTRATE IS CONNECTED TO V+
8 CERDIP**
-55°C to +125°C
MAX324MJA
8 CERDIP**
-40°C to +85°C
MAX324EJA
8 SO
-40°C to +85°C
MAX324ESA
8 SO
0°C to +70°C
MAX324CSA
8 µMAX
0°C to +70°C
MAX324CUA
8 Plastic DIP
0°C to +70°C
MAX324CPA
PIN-PACKAGE
TEMP. RANGE
PART
8 Plastic DIP
-40°C to +85°C
MAX324EPA
Dice*
0°C to +70°C
MAX324C/D
8 CERDIP**
-55°C to +125°C
MAX325MJA
8 CERDIP**
-40°C to +85°C
MAX325EJA
8 SO
-40°C to +85°C
MAX325ESA
8 SO
0°C to +70°C
MAX325CSA
8 µMAX
0°C to +70°C
MAX325CUA
8 Plastic DIP
-40°C to +85°C
MAX325EPA
8 Plastic DIP
0°C to +70°C
MAX325CPA
Dice*
0°C to +70°C
MAX325C/D


Similar Part No. - MAX325ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250 Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250CAI MAXIM-MAX3250CAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250EAI MAXIM-MAX3250EAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
More results

Similar Description - MAX325ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com