Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3280 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3280
Description  짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3280 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3280 Datasheet HTML 1Page - Maxim Integrated Products MAX3280 Datasheet HTML 2Page - Maxim Integrated Products MAX3280 Datasheet HTML 3Page - Maxim Integrated Products MAX3280 Datasheet HTML 4Page - Maxim Integrated Products MAX3280 Datasheet HTML 5Page - Maxim Integrated Products MAX3280 Datasheet HTML 6Page - Maxim Integrated Products MAX3280 Datasheet HTML 7Page - Maxim Integrated Products MAX3280 Datasheet HTML 8Page - Maxim Integrated Products MAX3280 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Detailed Description
The MAX3280E/MAX3281E/MAX3283E/MAX3284E are
single, true fail-safe receivers designed to operate at
data rates up to 52Mbps. The fail-safe architecture guar-
antees a high output signal if both input terminals are
open or shorted together. See the True Fail-Safe section.
This feature assures a stable and predictable output
logic state with any transmitter driving the line. These
receivers function with a 3.3V or 5V supply voltage and
feature excellent propagation delay times (15ns).
The MAX3280E is a single receiver available in a 5-pin
SOT23 package. The MAX3281E (EN, active high) and
MAX3283E (EN, active low) are single receivers that
also contain an enable pin. Both the MAX3281E and
MAX3283E are available in a 6-pin SOT23 package.
The MAX3284E is a single receiver that contains a VL
pin, which allows communication with low-level logic
included in digital FPGAs. The MAX3284E is available
in a 6-pin SOT23 package.
The MAX3284E’s low-level logic application allows
users to set the logic levels. A logic high level of 1.65V
will limit the maximum data rate to 20Mbps.
±15kV ESD Protection
ESD-protection structures are incorporated on the
receiver input pins to protect against ESD encountered
during handling and assembly. The MAX3280E/
MAX3281E/MAX3283E/MAX3284E receiver inputs (A,
B) have extra protection against static electricity found
in normal operation. Maxim’s engineers developed
state-of-the-art structures to protect these pins against
±15kV ESD without damage. After an ESD event, this
family of parts continues working without latchup.
ESD protection can be tested in several ways. The
receiver inputs are characterized for protection to the
following:
• ±15kV using the Human Body Model
• ±6kV using the Contact Discharge method specified
in IEC 1000-4-2 (formerly IEC 801-2)
• ±12kV using the Air-Gap Discharge method speci-
fied in IEC 1000-4-2 (formerly IEC 801-2)
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 3a shows the Human Body Model, and Figure
3b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the device through a
1.5k
Ω resistor.
IEC 1000-4-2
Since January 1996, all equipment manufactured
and/or sold in the European community has been
required to meet the stringent IEC 1000-4-2 specifica-
tion. The IEC 1000-4-2 standard covers ESD testing
and performance of finished equipment; it does not
specifically refer to integrated circuits. The
MAX3280E/MAX3281E/MAX3283E/MAX3284E help
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers
_______________________________________________________________________________________
5
Pin Description
PIN
MAX3280E
MAX3281E
MAX3283E
MAX3284E
NAME
FUNCTION
111
1
VCC
Positive Supply: 3V
≤ VCC ≤ 5.5V. Bypass with a 0.1µF
capacitor to GND.
2
2
2
2
GND
Ground
333
3
RO
Receiver Output. RO will be high if (A–B)
≥ -50mV. RO will be
low if (A–B)
≤ -200mV.
4
4
4
4
B
Inverting Receiver Input
——
5
EN
Receiver Output Enable. Drive EN low to enable RO. When EN
is high, RO is high impedance.
5
——
EN
Receiver Output Enable. Drive EN high to enable RO. When
EN is low, RO is high impedance.
———
5VL
Low-Voltage Logic-Level Supply Voltage. VL is a user-defined
voltage, ranging from 1.65V to VCC. RO output high is pulled up
to VL. Bypass with a 0.1µF capacitor to GND.
5
6
6
6
A
Noninverting Receiver Input


Similar Part No. - MAX3280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3280E MAXIM-MAX3280E Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3280E MAXIM-MAX3280E Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280EAUK MAXIM-MAX3280EAUK Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
More results

Similar Description - MAX3280

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_13 Datasheet
229Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
MAX3280E MAXIM-MAX3280E_11 Datasheet
247Kb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 1; 3/11
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com