Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3314E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3314E
Description  짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3314E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3314E Datasheet HTML 1Page - Maxim Integrated Products MAX3314E Datasheet HTML 2Page - Maxim Integrated Products MAX3314E Datasheet HTML 3Page - Maxim Integrated Products MAX3314E Datasheet HTML 4Page - Maxim Integrated Products MAX3314E Datasheet HTML 5Page - Maxim Integrated Products MAX3314E Datasheet HTML 6Page - Maxim Integrated Products MAX3314E Datasheet HTML 7Page - Maxim Integrated Products MAX3314E Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
±15kV ESD-Protected, 460kbps, 1µA,
RS-232-Compatible Transceiver
_______________________________________________________________________________________
3
Note 1: Not tested, guaranteed by design.
TIMING CHARACTERISTICS
(VCC = +5V, V- = -5V, TA = TMIN to TMAX. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF, transmitter
switching
460
kbps
tPLH
Receiver input to receiver output,
CL = 150pF
0.15
Receiver Propagation Delay
tPHL
Receiver input to receiver output,
CL = 150pF
0.15
µs
Transmitter Skew
100
ns
Receiver Skew
50
ns
Transition Region Slew Rate
RL = 3k
Ω to 7kΩ, CL = 150pF to 1000pF,
measured from +3V to -3V or -3V to +3V
8
V/µs
0
2
1
5
4
3
8
7
6
9
0
1000
500
1500
2000
2500
3000
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
+SLEW
-SLEW
-6
1
-1
-2
2
3
5
4
6
0
1000
1500
2000
2500
3000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
0
-3
-4
-5
500
20kbps/120kbps
460kbps/250kbps
460kbps/250kbps
20kbps/120kbps
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
500
1000
1500
2000
2500
3000
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
460kbps
20kbps
Typical Operating Characteristics
(VCC = +5V, V- = -5V, 250kbps data rate, transmitter loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3314E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3314EKA MAXIM-MAX3314EKA Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3314ESA MAXIM-MAX3314ESA Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3314EUA MAXIM-MAX3314EUA Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
More results

Similar Description - MAX3314E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com