Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX325CUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX325CUA
Description  Precision, Single-Supply, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX325CUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX325CUA Datasheet HTML 4Page - Maxim Integrated Products MAX325CUA Datasheet HTML 5Page - Maxim Integrated Products MAX325CUA Datasheet HTML 6Page - Maxim Integrated Products MAX325CUA Datasheet HTML 7Page - Maxim Integrated Products MAX325CUA Datasheet HTML 8Page - Maxim Integrated Products MAX325CUA Datasheet HTML 9Page - Maxim Integrated Products MAX325CUA Datasheet HTML 10Page - Maxim Integrated Products MAX325CUA Datasheet HTML 11Page - Maxim Integrated Products MAX325CUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, Single-Supply,
SPST Analog Switches
10
______________________________________________________________________________________
________________________________________________________Package Information
L
α
C
A1
B
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.036
0.004
0.010
0.005
0.116
0.116
0.188
0.016
MAX
0.044
0.008
0.014
0.007
0.120
0.120
0.198
0.026
MIN
0.91
0.10
0.25
0.13
2.95
2.95
4.78
0.41
MAX
1.11
0.20
0.36
0.18
3.05
3.05
5.03
0.66
INCHES
MILLIMETERS
8-PIN
µMAX
MICROMAX SMALL OUTLINE
PACKAGE
0.65
0.0256
A
e
E
H
D
0.101mm
0.004 in
DIM
A
A1
A2
A3
B
B1
C
D1
E
E1
e
eA
eB
L
MIN
0.015
0.125
0.055
0.016
0.045
0.008
0.005
0.300
0.240
0.100
0.300
0.115
MAX
0.200
0.175
0.080
0.022
0.065
0.012
0.080
0.325
0.310
0.400
0.150
MIN
0.38
3.18
1.40
0.41
1.14
0.20
0.13
7.62
6.10
2.54
7.62
2.92
MAX
5.08
4.45
2.03
0.56
1.65
0.30
2.03
8.26
7.87
10.16
3.81
INCHES
MILLIMETERS
Plastic DIP
PLASTIC
DUAL-IN-LINE
PACKAGE
(0.300 in.)
DIM
D
D
D
D
D
D
MIN
0.348
0.735
0.745
0.885
1.015
1.14
MAX
0.390
0.765
0.765
0.915
1.045
1.265
MIN
8.84
18.67
18.92
22.48
25.78
28.96
MAX
9.91
19.43
19.43
23.24
26.54
32.13
INCHES
MILLIMETERS
PINS
8
14
16
18
20
24
C
A
A2
E1
D
E
eA
eB
A3
B1
B
0° - 15°
A1
L
D1
e


Similar Part No. - MAX325CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3250 MAXIM-MAX3250 Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250CAI MAXIM-MAX3250CAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250EAI MAXIM-MAX3250EAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
More results

Similar Description - MAX325CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com