Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3297CUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3297CUE
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3297CUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3297CUE Datasheet HTML 1Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 2Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 3Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 4Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 5Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 6Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 7Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 8Page - Maxim Integrated Products MAX3297CUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = +3.3V, RTC = open and TA = +25°C;
see Figure 1a.)
ISHDNDRV = 15mA, FAULT not asserted
ISHDNDRV = 10µA, FAULT asserted
MAX3296 series
MAX3286 series
ISHDNDRV = 1mA, FAULT not asserted
MAX3286 series
MAX3296 series
Tempco = max, RMOD = open; Figure 5
CONDITIONS
620
800
980
Differential Input Resistance
4000
Modulation-Current
Temperature Coefficient
0VCC - 1.2
VCC - 0.4
Voltage at SHDNDRV
15
200
Shutdown Modulation Current
24
28
RMS
Random Jitter (Note 3)
0VCC - 2.4
1.25
Data Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
2
Minimum Laser Modulation
Current
MAX3286 series
20% to 80%
Modulation-Current Edge
Speed
MAX3296 series
RMOD = 13kΩ
(IMOD = 5mA)
MAX3286 series
46
65
Deterministic Jitter (Note 2)
RMOD = 4.1kΩ
(IMOD = 15mA)
RMOD = 1.9kΩ
(IMOD = 30mA)
22
35
RMOD = 13kΩ
(IMOD = 5mA)
MAX3296 series
14
35
RMOD = 4.1kΩ
(IMOD = 15mA)
822
RMOD = 1.9kΩ
(IMOD = 30mA)
720
CPORDLY = 0.01µF,
MAX3286/MAX3296 only
3
5.5
(Note 4)
Glitch Rejection at MD
10
20
22
tFAULT
Fault Time
SHUTDOWN
LASER MODULATOR
50
Tempco = min, RTC = open; Figure 5
RMOD = 13kΩ (IMOD = 5mA)
-15
+15
Single ended
42
50
58
Output Resistance
LASER SAFETY CIRCUIT
PORDLY = open
0.3
1.25
tPORDLY
POR Delay
VCC - 0.3
Input Bias Voltage
RL ≤ 25Ω
30
Maximum Laser Modulation
Current
RMOD = 1.9kΩ (IMOD = 30mA)
-10
+10
Tolerance of Modulation Current
V
mA
mA
%
ps
ps
µA
ppm/°C
V
µs
ms
µs
µs
29
45
ps
90
150
130
220
2.5
Gbps


Similar Part No. - MAX3297CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX329 MAXIM-MAX329 Datasheet
175Kb / 10P
   Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
MAX3291 MAXIM-MAX3291 Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
Rev 1; 4/99
MAX3291-MAX3292 MAXIM-MAX3291-MAX3292 Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
Rev 1; 4/99
MAX3291CPD MAXIM-MAX3291CPD Datasheet
285Kb / 16P
   RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication
19-1405; Rev 1; 4/99
More results

Similar Description - MAX3297CUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX3266 MAXIM-MAX3266 Datasheet
152Kb / 8P
   1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com