Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3314EEUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3314EEUA
Description  짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3314EEUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3314EEUA Datasheet HTML 1Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 2Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 3Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 4Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 5Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 6Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 7Page - Maxim Integrated Products MAX3314EEUA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 5 shows the Human Body Model, and Figure 6
shows the current waveform it generates when dis-
charged into low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
±15kV ESD-Protected, 460kbps, 1µA,
RS-232-Compatible Transceiver
_______________________________________________________________________________________
5
Table 1. Shutdown Logic Truth Table
SHDN
TRANSMITTER
OUTPUT
RECEIVER
OUTPUT
L
High Z
Active
H
Active
Active
Figure 1. Transmitter Outputs When Exiting Shutdown or
Powering Up
1
µs/div
SHDN
TOUT
5V/div
0
1.5V/div
0
TIN = GND
TIN = VCC
Figure 2. Loopback Test Circuit
0.1
µF
SHDN
TOUT
RIN
TIN
ROUT
VCC
GND
5k
+5V
MAX3314E
0.1
µF
-5V
1000pF
V-
Figure 3. Loopback Test Result at 120kbps
5
µs/div
TOUT
TIN
ROUT
Figure 4. Loopback Test Result at 250kbps
2
µs/div
TOUT
TIN
ROUT


Similar Part No. - MAX3314EEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3314EKA MAXIM-MAX3314EKA Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3314ESA MAXIM-MAX3314ESA Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3314EUA MAXIM-MAX3314EUA Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
More results

Similar Description - MAX3314EEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221E INTERSIL-ICL3221E Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com