Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3320_EAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3320_EAP
Description  3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4關A AutoShutdown Plus and Power-On Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3320_EAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3320_EAP Datasheet HTML 4Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 5Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 6Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 7Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 8Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 9Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 10Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 11Page - Maxim Integrated Products MAX3320_EAP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3V to 5.5V, up to 250kbps True RS-232 Transceiver
with 4µA AutoShutdown Plus and Power-On Reset
8
_______________________________________________________________________________________
__________Applications Information
Ensuring a Valid Reset Output
Down to VCC = 0V
When VCC falls below 1V, RESET no longer sinks cur-
rent: it becomes an open circuit. Therefore, high-
impedance CMOS logic inputs connected to RESET
can drift to undefined voltages. This presents no prob-
lem in most applications, since most µPs and other cir-
cuitry is inoperative with VCC below 1V. However, in
applications where RESET must be valid down to 0V,
add a pull-down resistor to ground, holding RESET low
(Figure 4). R1’s value is not critical; 100k
Ω is large
enough not to load RESET, and small enough to pull it
to ground.
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; use either polarized or nonpolarized
capacitors. The charge pump requires 0.1µF capaci-
tors for 3.3V operation. For other supply voltages, refer
to Table 3 for required capacitor values. Do not use val-
ues smaller than those listed in Table 3. Increasing the
capacitor values (e.g., by a factor of 2) reduces ripple
on the transmitter outputs and slightly reduces power
consumption. C2, C3, and C4 can be increased without
changing C1's value. However, do not increase C1
without also increasing the values of C2, C3, C4,
and CBYPASS, to maintain the proper ratios (C1 to
the other capacitors).
-2.7V
-0.3V
2.7V
0.3V
0V
INDETERMINATE
INVALID HIGH
INVALID LOW
INVALID HIGH
INDETERMINATE
Figure 3b. Receiver Positive/Negative Thresholds for INVALID
Figure 3a. AutoShutdown Plus and INVALID Timing Diagram
VCC
0
V+
V-
VCC
0
INVALID
OUTPUT
* ALL RECEIVER/TRANSMITTER INPUTS INACTIVE
** ANY ONE RECEIVER/TRANSMITTER INPUT BECOMES ACTIVE
FORCEON = GND, FORCEOFF = VCC
TRANSMITTER
INPUTS
VOLTAGE
RECEIVER
INPUTS
VOLTAGE
TRANSMITTER
OUTPUTS
VOLTAGE
tAUTOSHDN
INVALID
REGION
*
**
tWU
tWU
INVL
tAUTOSHDN


Similar Part No. - MAX3320_EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX332 MAXIM-MAX332 Datasheet
305Kb / 8P
   Quad SPST SMOS Analog Switches
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
MAX3322EEUP MAXIM-MAX3322EEUP Datasheet
334Kb / 13P
   Multidrop Applications
Rev 1; 1/03
MAX3323EEPE MAXIM-MAX3323EEPE Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results

Similar Description - MAX3320_EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238 MAXIM-MAX3238 Datasheet
112Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus?
19-1144; Rev 0; 9/96
MAX3238 MAXIM-MAX3238_V01 Datasheet
207Kb / 12P
   3.0V to 5.5V, 1關A, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
19-1144; Rev 1; 10/02
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com