Electronic Components Datasheet Search |
|
MAX3317ECAP Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX3317ECAP Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 16 page ±15kV ESD-Protected, 2.5V, 1µA, 460kbps, RS-232 Compatible Transceivers _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = +2.25V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +2.5V, TA = +25°C.) TIMING CHARACTERISTICS (VCC = +2.25V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +2.5V, TA = +25°C.) VCC = 0 or 2.25V to 3.0V, VOUT = ±12V, transmitters disabled VCC = 0, transmitter output = ±2V CONDITIONS µA ±25 Output Leakage Current mA ±25 ±60 Output Short-Circuit Current Ω 300 10M Output Resistance UNITS MIN TYP MAX SYMBOL PARAMETER VCC = 2.5V, Figure 4b IOUT = -0.5mA IOUT = 0.5mA Figure 4a Figure 4a µs 1 tINVH Receiver Positive or Negative Threshold to INVALID High V 0.9 · VCC INVALID, READY Output Voltage High V 0.1 · VCC INVALID, READY Output Voltage Low V -0.3 0.3 Receiver Input Threshold to INVALID Output Low -2.7 V 2.7 Receiver Input Threshold to INVALID Output High Positive threshold VCC = 2.5V, Figure 4b (Note 2) VCC = 2.5V, Figure 4b (Note 2) VCC = 2.5V, Figure 4b Negative threshold s 15 30 60 tAUTO- SHDN Receiver or Transmitter Edge to Transmitters Shutdown µs 100 tWU Receiver or Transmitter Edge to Transmitters Enabled µs 30 tINVL Receiver Positive or Negative Threshold to INVALID Low R_IN to R_OUT, CL = 150pF RL = 3k Ω, CL = 1000pF, one transmitter switching Normal operation (MAX3317E) Normal operation (MAX3317E) (Note 3) CONDITIONS 0.175 tPLH µs 0.175 tPHL kbps 460 Maximum Data Rate Receiver Propagation Delay ns 250 Receiver Output Enable Time ns 250 Receiver Output Disable Time ns 100 |tPHL - tPLH| Transmitter Skew ns 50 |tPHL - tPLH| Receiver Skew UNITS MIN TYP MAX SYMBOL PARAMETER AutoShutdown Plus (FORCEON = GND, FORCEOFF = VCC) (MAX3318E/MAX3319E) ESD PROTECTION R_IN, T_OUT ±15 kV ±15 ±8 Human Body Model IEC 1000-4-2 Air-Gap Discharge method IEC 1000-4-2 Contact Discharge method |
Similar Part No. - MAX3317ECAP |
|
Similar Description - MAX3317ECAP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |