Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABL7M2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABL7M2
Description  THRU-HOLE MICROPROCESSOR CRYSTAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABL7M2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABL7M2 Datasheet HTML 1Page - Abracon Corporation ABL7M2 Datasheet HTML 2Page - Abracon Corporation ABL7M2 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABL7M2
APPLICATIONS:
FEATURES:
• Reduced footprint from the standard HC/49US package
• Low profile: 1.4mm typ. height
• Tight stability & extended temperature options
• High reliability & Cost effective
• Resistance welded metal package
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
THRU-HOLE MICROPROCESSOR CRYSTAL
Pb RoHS / RoHS II Compliant
6.6 x 4.0 x 1.4mm
• Wireless Applications
• Home electronics
• Computers, modems, and communications
• Microprocessors
STANDARD SPECIFICATIONS:
* Please contact Abracon for other frequencies.
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
.
0
4
0
.
2
1
*
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Standard Frequencies
12.0, 12.288, 13.5, 13.56, 14.31818,
14.7456, 16.0, 18.432, 20.0, 20.5, 24.0,
24.576, 25.0, 26.0, 27.0
MHz
Operation Mode
Fundamental (AT-cut)
Operating Temperature
0
+70
ºC
See options
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
+125
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
+50
ppm
See options
Equivalent series resistance (R1)
@+25°C
60
12.000 ~ 16.000MHz
40
16.001 ~ 30.000MHz
25
30.001 ~ 40.000MHz
F
p
5
)
0
C
(
e
c
n
a
ti
c
a
p
a
c
t
n
u
h
S
F
p
8
1
)
L
C
(
e
c
n
a
ti
c
a
p
a
c
d
a
o
L
Standard (See options if
other than STD)
W
µ
0
0
1
0
5
l
e
v
e
L
e
v
ir
D
m
p
p
5
+
5
-
g
n
i
g
A
@25°C±3°C
First year
M
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
@ 100Vdc ± 15V
Drive level dependency (DLD)
10nw ~ 100uw,12 points
Change in ESR (Maximum - Minimum) over DLD range < 30% ESR max.
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 01.06.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale


Similar Part No. - ABL7M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABL7M ABRACON-ABL7M Datasheet
1Mb / 3P
   THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
ABL7M-12.000MHZ-R40-8PF-A ABRACON-ABL7M-12.000MHZ-R40-8PF-A Datasheet
1Mb / 3P
   THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
More results

Similar Description - ABL7M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABL6M ABRACON-ABL6M Datasheet
2Mb / 3P
   THRU-HOLE MICROPROCESSOR CRYSTAL
07.25.14
ABL7M ABRACON-ABL7M Datasheet
1Mb / 3P
   THRU-HOLE MICROPROCESSOR CRYSTAL
01.06.15
logo
Fox Electronics
C9ST FOX-C9ST Datasheet
130Kb / 2P
   Thru-Hole Crystal
C4ST FOX-C4ST Datasheet
137Kb / 2P
   Thru-Hole Crystal
logo
AiT Semiconductor Inc.
KODF AITSEMI-KODF Datasheet
268Kb / 1P
   THRU-HOLE CRYSTAL OSCILLATOR
logo
Fox Electronics
HC80U FOX-HC80U Datasheet
65Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
logo
List of Unclassifed Man...
FOXLF240F-20 ETC2-FOXLF240F-20 Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
logo
Fox Electronics
HC49S FOX-HC49S Datasheet
42Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
HC49ULF FOX-HC49ULF Datasheet
147Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49ULF FOX-HC49ULF_14 Datasheet
353Kb / 2P
   Resistance Weld Thru-Hole Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com