Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABLJO-V-MHZ-T Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABLJO-V-MHZ-T
Description  LOW JITTER CRYSTAL OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABLJO-V-MHZ-T Datasheet(HTML) 1 Page - Abracon Corporation

  ABLJO-V-MHZ-T Datasheet HTML 1Page - Abracon Corporation ABLJO-V-MHZ-T Datasheet HTML 2Page - Abracon Corporation ABLJO-V-MHZ-T Datasheet HTML 3Page - Abracon Corporation ABLJO-V-MHZ-T Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
||| | | | | ||| | | | | |
ABLJO
APPLICATIONS:
• Avionics
• COTS - Military communications
• Low Phase Noise Signal Sources
• High Definition TV
• Test & Measurement
• Ultra Low Jitter RF Communication Circuitry
FEATURES:
LOW JITTER CRYSTAL OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 09.05.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb
14.3 X 8.7 X 5.5 mm
• High "Q", 3rd Overtone Crystal Technology
• Ultra Low Jitter performance 0.10 ps Max. (12kHz to 20MHz)
• Standard LVCMOS RF Output
• Wide Operating Temperature (-40ºC to +85ºC) standard
• ±40 ppm Max. All inclusive Stability (including Aging) over 10-years
• (17) Standard Frequencies between 80MHz & 200MHz
• 9x14mm RoHS Compliant SMT package
STANDARD SPECIFICATIONS
Parameters
Minimum
Typical
Maximum
Units
Notes
RF Output Frequency Range
80.00
200.00
MHz
Standard Available Frequencies
80.00MHz, 81.920MHz, 92.160MHz,
96MHz, 98.304MHz, 100MHz,
106.250MHz, 120MHz, 122.880MHz,
125MHz, 150MHz, 155.520MHz,
156.250MHz, 160MHz, 184.32MHz,
187.5MHz, and 200MHz
Supply Voltage
3.135
3.300
3.465
Volts
Current Drain
80MHz ~ 99.999MHz
100MHz ~ 149.999MHz
150MHz ~ 200MHz
25.00
30.00
40.00
mA
mA
mA
Waveform
LVCMOS
VOH
0.9*Vdd
Volts
VOL
0.1*Vdd
Volts
Symmetry
45
50
55
%
Rise & Fall Times
3.0
ns
Operating Temperature Range
-40
+85
ºC
Frequency Stability
Over (-40º C to +85ºC)
±25.00
ppm
ALL effects, including Aging
±40.00
ppm
Storage Temperature Range
-40
+85
ºC
Aging
First Year
±2.00
ppm
5-Years
±5.00
ppm
10-Years
±7.00
ppm
Phase Noise (156.25MHz Carrier)
Vdd=3.3V
@ 10
Hz offset
-73
dBc/Hz
@ 100
Hz offset
-107
dBc/Hz
@ 1,000
Hz offset
-134
dBc/Hz
@ 10,000 Hz offset
-148
-140
dBc/Hz
@ 100,000 Hz offset
-154
-150
dBc/Hz
@ 1,000,000 Hz offset
-158
-150
dBc/Hz
Integrated RMS Phase Jitter
(12kHz ~ 20MHz BW)
75
100
Femto
Seconds
0.10 ps Max.
RoHS/RoHS II Compliant and Pb free


Similar Part No. - ABLJO-V-MHZ-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
More results

Similar Description - ABLJO-V-MHZ-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com