Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3317EEAP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3317EEAP
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3317EEAP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3317EEAP Datasheet HTML 1Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 2Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 3Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 4Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 5Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 6Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 7Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 8Page - Maxim Integrated Products MAX3317EEAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +2.5V, C1–C4 = 0.1µF, 460kbps data rate, all transmitters loaded with 3k
Ω, TA = +25°C, unless otherwise noted.)
0
2
6
4
8
10
2.25
2.65
2.45
2.85
3.05
3.25
3.45
3.65
MAX3316E/MAX3317E
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
T1 TRANSMITTING AT SPECIFIED
DATA RATE
T2 TRANSMITTING AT 20kbps
CL = 1000pF
460kbps
230kbps
20kbps
-6
-2
-4
2
0
4
6
2.25
2.85
3.05
2.45
2.65
3.25
3.45
3.65
MAX3316E/MAX3317E
TRANSMITTER OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
T_OUT+
T_OUT-
T1 TRANSMITTING AT 460kbps
T2 TRANSMITTING AT 20kbps
CL = 1000pF
-5
-2
-3
-4
-1
0
1
2
3
4
5
0
1000
2000
3000
MAX3316E/MAX3317E
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
T_OUT+
T_OUT-
T1 TRANSMITTING AT 460kbps
T2 TRANSMITTING AT 20kbps
0
2
6
4
8
10
MAX3316E/MAX3317E
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
0
2000
1000
3000
-SLEW
+SLEW
FOR DATA RATES UP TO 460kps
TIMING CHARACTERISTICS (continued)
(VCC = +2.25V to +3.0V, C1–C4 = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +2.5V,
TA = +25°C.)
Note 2: A transmitter/receiver edge is defined as a transition through the transmitter/receiver input logic thresholds.
Note 3: Transmitter skew is measured at the transmitter zero crosspoints.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V/µs
430
VCC = 2.5V, TA = +25°C, RL = 3k
Ω to 7kΩ,
measured from +3V to -3V or -3V to +3V,
CL = 150pF to 2500pF
Transition-Region Slew Rate


Similar Part No. - MAX3317EEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3317EAP MAXIM-MAX3317EAP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX3317EUP MAXIM-MAX3317EUP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
More results

Similar Description - MAX3317EEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3316 MAXIM-MAX3316 Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com