Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX335CWG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX335CWG
Description  Serial Controlled, 8-Channel SPST Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX335CWG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX335CWG Datasheet HTML 1Page - Maxim Integrated Products MAX335CWG Datasheet HTML 2Page - Maxim Integrated Products MAX335CWG Datasheet HTML 3Page - Maxim Integrated Products MAX335CWG Datasheet HTML 4Page - Maxim Integrated Products MAX335CWG Datasheet HTML 5Page - Maxim Integrated Products MAX335CWG Datasheet HTML 6Page - Maxim Integrated Products MAX335CWG Datasheet HTML 7Page - Maxim Integrated Products MAX335CWG Datasheet HTML 8Page - Maxim Integrated Products MAX335CWG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Serial Controlled, 8-Channel SPST Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VL = +5V ±10%, V+ = 15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
-1
0.002
1
-20
20
-1
0.002
1
On-Resistance
RON
200
NO Off-Leakage Current
INO(OFF)
-20
20
nA
-1
0.002
1
-20
20
-1
0.002
1
Analog Signal Range
VANALOG
-15
15
V
100
150
COM Off-Leakage Current
ICOM(OFF)
-20
20
nA
-2
0.01
2
-40
40
-2
0.01
2
COM On-Leakage Current
ICOM(ON)
-40
40
nA
2.4
DIN, SCLK,
CS Input Logic
Threshold High
VIH
11
V
0.8
DIN, SCLK,
CS Input Logic
Threshold Low
VIL
3
V
-1
0.03
1
DIN, SCLK,
CS Input Current
Logic High
-1
0.03
1
µA
IINH
CONDITIONS
VCOM = -14V,
VNO = +14V
VCOM = -14V,
VNO = +14V
VCOM = ±10V,
INO = 1mA
VCOM = -14V,
VNO = +14V
VCOM = VNO = +14V
VCOM = -14V,
VNO = +14V
VCOM = VNO = -14V
TA = TMIN to TMAX
VDIN, VSCLK, VCS = 2.4V
VL = +15V, VDIN, VSCLK, V
C
S
= 11V
Voltages Referenced to V-
V+........................................................................................44V
GND ....................................................................................25V
VL ..................................................(GND - 0.3V) to (V+ + 0.3V)
SCLK,
CS, DIN, DOUT, NO_, COM_ ..............V- -2V to V+ +2V
or 30mA, whichever occurs first
Continuous Current (any terminal) ......................................30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle MAX)..........................100mA
Continuous Power Dissipation (TA = +70°C) (Note 1)
Narrow Plastic DIP (derate 13.33mW/°C above +70°C)..1067mW
Wide SO (derate 11.76mW/°C above +70°C) ....................941mW
Narrow CERDIP (derate 12.50mW/°C above +70°C) ......1000mW
Operating Temperature Ranges
MAX335C_ _ .......................................................0°C to +70°C
MAX335E_ _ ....................................................-40°C to +85°C
MAX335MRG .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: All leads are soldered or welded to PC boards.
TA = +25°C
TA = +25°C
DIN, SCLK,
CS Input Current
Logic Low
IINL
VDIN, VSCLK, VCS = 0.8V
-1
0.03
1
µA
DOUT Output Voltage
Logic High
VDOUT
IDOUT = 0.8mA
3.5
VL
V
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
VL = +5V
VL = +15V
VL = +5V
VL = +15V
VL = +15V, VDIN, VSCLK, V
C
S
= 3V
-1
0.03
1
SWITCH
DIGITAL I/O
TA = +25°C


Similar Part No. - MAX335CWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335CWG MAXIM-MAX335CWG Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
More results

Similar Description - MAX335CWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX14724 MAXIM-MAX14724 Datasheet
1Mb / 25P
   Serial-Controlled 8:4 Matrix Switch Multiplexer
19-7575; Rev 2; 9/15
logo
JSC ALFA.
AS16M1 ALFA-AS16M1 Datasheet
538Kb / 4P
   Serial Controlled, 16-Channel SPCO Switch
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com