Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3318EEUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3318EEUP
Description  짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3318EEUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3318EEUP Datasheet HTML 4Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 5Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 6Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 7Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 8Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 9Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 10Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 11Page - Maxim Integrated Products MAX3318EEUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
±15kV ESD-Protected, 2.5V, 1µA, 460kbps,
RS-232 Compatible Transceivers
8
_______________________________________________________________________________________
down is typically 30µs, as shown in Figure 2. Connect
SHDN to VCC if the shutdown mode is not used; SHDN
has no effect on R_OUT.
MAX3318E/MAX3319E
AutoShutdown Plus Mode
Maxim’s AutoShutdown Plus feature on the MAX3318E/
MAX3319E allows the supply current to fall to 1µA.
These devices will enter the AutoShutdown Plus mode if
FORCEOFF is high, FORCEON is low, and they do not
sense a valid signal transition on any receiver or trans-
mitter input for 30 seconds. This may occur if the RS-232
cable is disconnected or if the peripheral transmitters
are turned off, and the UART driving the transmitter
inputs is inactive. The system turns on again when a
valid transition is applied to any RS-232 receiver or
transmitter input. As a result, the system saves power
without changes to the existing BIOS or operating system.
Figure 4a depicts valid and invalid RS-232 receiver volt-
age levels. INVALID indicates the receiver input’s condi-
tion and is independent of FORCEON and FORCEOFF
states. Figure 3 and Table 1 summarize the operating
modes of the MAX3318E/MAX3319E. FORCEON and
FORCEOFF override AutoShutdown Plus circuitry. When
neither control is asserted, the IC selects between these
states automatically based on the last receiver or trans-
mitter edge received.
When shut down, the device’s charge pumps turn off,
V+ is pulled to VCC, V- is pulled to ground, the transmitter
outputs are high impedance, and READY is driven low.
The time required to exit shutdown is typically 30µs
(Figure 2).
X
X
X
X
VALID RECEIVER
LEVEL
Active
Active
Active
Active
R_OUT
No
Yes
X
X
RECEIVER OR
TRANSMITTER
EDGE WITHIN
30s
High-Z
Active
Active
High-Z
T_OUT
Shutdown
(AutoShutdown Plus)
0
1
Normal Operation
(AutoShutdown Plus)
0
1
Normal Operation
(Forced On)
1
1
Shutdown (Forced
Off)
X
0
OPERATION
STATUS
FORCEON
FORCEOFF
No
Yes
No
X
Yes
Active
Active
Active
Active
Active
X
X
No
Yes
X
High-Z
Active
High-Z
Active
Active
Shutdown
(AutoShutdown)
INVALID**
INVALID**
Normal Operation
(AutoShutdown)
INVALID**
INVALID**
Shutdown
INVALID*
1
Normal Operation
INVALID*
1
Normal Operation
INVALID*
1
Table 1. Output Control Truth Table (MAX3318E/MAX3319E)
Table 2. Shutdown and Enable Control
Truth Table (MAX3317E)
X = Don’t care
*INVALID connected to FORCEON
**INVALID connected to FORCEON and FORCEOFF
SHDN
EN
T_OUT
R_OUT
0
0
High-Z
Active
0
1
High-Z
High-Z
1
0
Active
Active
1
1
Active
High-Z


Similar Part No. - MAX3318EEUP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3318EAP MAXIM-MAX3318EAP Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
logo
Texas Instruments
MAX3318ECDB TI-MAX3318ECDB Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318ECDB TI-MAX3318ECDB Datasheet
356Kb / 20P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3318EEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3311E MAXIM-MAX3311E Datasheet
110Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceivers in 關MAX
19-1910; Rev 0; 1/01
MAX3314E MAXIM-MAX3314E Datasheet
244Kb / 8P
   짹15kV ESD-Protected, 460kbps, 1關A, RS-232-Compatible Transceiver
19-1696; Rev 1; 3/01
MAX3316 MAXIM-MAX3316 Datasheet
214Kb / 15P
   2.5V, 1uA, 460kbps, RS-232-Compatible Transceivers
Rev 0; 6/00
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3314 MAXIM-MAX3314 Datasheet
196Kb / 6P
   460kbps, 1關A, RS-232-Compatible Transceiver
19-1725; Rev 1a; 3/01
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3311 MAXIM-MAX3311 Datasheet
189Kb / 7P
   460kbps, 1關A Supply Current, RS-232-Compatible Transceivers in 關MAX
19-1901; Rev 0; 2/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com