Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3380ECUP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3380ECUP
Description  2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3380ECUP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3380ECUP Datasheet HTML 5Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 6Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 7Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 8Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 9Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 10Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 11Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 12Page - Maxim Integrated Products MAX3380ECUP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
+2.35V to +5.5V, 1µA, 2Tx/2Rx RS-232 Transceivers
with ±15kV ESD-Protected I/O and Logic Pins
_______________________________________________________________________________________
9
By connecting FORCEON and FORCEOFF to INVALID,
the MAX3380E/MAX3381E are shut down when no valid
receiver level is detected.
VL Logic Supply Input
Unlike other RS-232 interface devices where the receiv-
er outputs swing between 0 and VCC, the MAX3380E/
MAX3381E feature a separate logic supply input (VL)
that sets VOH for the receiver and INVALID outputs. VL
also sets the threshold for the transmitter inputs,
FORCEON and FORCEOFF. This feature allows a great
deal of flexibility in interfacing to many different types of
systems with different logic levels. Connect this input to
+2.7V
+0.3V
0
-0.3V
-2.7V
TRANSMITTERS ENABLED, INVALID HIGH
INDETERMINATE
AutoShutdown, TRANSMITTERS DISABLED,
1
µA SUPPLY CURRENT INVALID LOW
INDETERMINATE
TRANSMITTERS ENABLED, INVALID HIGH
POWERDOWN*
AUTOSHDN
FORCEOFF
FORCEON
* POWERDOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 2d. Power-Down Logic
AUTOSHDN
R_IN
T_IN
R
S
30s
TIMER
EDGE
DETECT
EDGE
DETECT
FORCEOFF
FORCEON
Figure 2c. AutoShutdown Plus Logic
VL
0
V+
V-
VCC
0
INVALID
OUTPUT
TRANSMITTER
INPUTS
RECEIVER
INPUTS
}
INVALID
REGION
TRANSMITTER
OUTPUTS
tAUTOSHDN
tWU
tWU
tINVL
tINVH
tAUTOSHDN
Figure 4. AutoShutdown Plus/INVALID Timing Diagram
Figure 3. AutoShutdown Trip Levels


Similar Part No. - MAX3380ECUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
MAX338 MAXIM-MAX338 Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX3384 MAXIM-MAX3384 Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
MAX3384E MAXIM-MAX3384E Datasheet
221Kb / 11P
   짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1949; Rev 0; 1/01
More results

Similar Description - MAX3380ECUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
   3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
MAX3224E MAXIM-MAX3224E_V01 Datasheet
2Mb / 25P
   짹15kV ESD-Protected, 1關A, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
19-1339; Rev 11; 11/18
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223E MAXIM-MAX13223E_V01 Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Sipex Corporation
SP3282 SIPEX-SP3282 Datasheet
307Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Sipex Corporation
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Intersil Corporation
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com