Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABSM32B-R40-B-1-G Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABSM32B-R40-B-1-G
Description  Surface Mount Microprocessor Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSM32B-R40-B-1-G Datasheet(HTML) 4 Page - Abracon Corporation

  ABSM32B-R40-B-1-G Datasheet HTML 1Page - Abracon Corporation ABSM32B-R40-B-1-G Datasheet HTML 2Page - Abracon Corporation ABSM32B-R40-B-1-G Datasheet HTML 3Page - Abracon Corporation ABSM32B-R40-B-1-G Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ABSM3B
12.5 x 4.85 x 5.1mm
Surface Mount Microprocessor Crystal
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
RoHS / RoHS II Compliant
Pb in glass exemption 7 (c)-I per RoHS II 2011/65/EU Annex
TAPE & REEL:
Dimensions: mm
T=Tape and Reel (1000pcs/reel)
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.30.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ABSM32B-R40-B-1-G

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSM32B ABRACON-ABSM32B Datasheet
449Kb / 1P
   MICROPROCESSOR CRYSTALS AT 49 CASE GROUNDED (- G), SURFACE MOUNT
More results

Similar Description - ABSM32B-R40-B-1-G

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
TT-SMDC-12.288-20 RALTRON-TT-SMDC-12.288-20 Datasheet
71Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-3.8912-20 RALTRON-H180A-3.8912-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-21.250-18 RALTRON-H180A-21.250-18 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H13A RALTRON-H13A Datasheet
63Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
List of Unclassifed Man...
H10S-18.432-18-F-3030-EXT ETC2-H10S-18.432-18-F-3030-EXT Datasheet
58Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
logo
Raltron Electronics Cor...
R2520 RALTRON-R2520 Datasheet
280Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H160A RALTRON-H160A Datasheet
138Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
L16A RALTRON-L16A Datasheet
32Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
RH100 RALTRON-RH100_17 Datasheet
251Kb / 3P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
H180A-16.9344-20 RALTRON-H180A-16.9344-20 Datasheet
68Kb / 1P
   SURFACE MOUNT MICROPROCESSOR CRYSTAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com