Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3430CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3430CSA
Description  짹80V Fault-Protected, Fail-Safe, 1/4-Unit Load, 3.3V RS-485 Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3430CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3430CSA Datasheet HTML 1Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 2Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 3Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 4Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 5Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 6Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 7Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 8Page - Maxim Integrated Products MAX3430CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
±80V Fault-Protected, Fail-Safe,
1/4-Unit Load, +3.3V RS-485 Transceiver
_______________________________________________________________________________________
5
0
1
3
2
4
5
-40
0
-20
20
40
60
80
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
RE = 0
DE = VCC
0
75
50
25
150
125
100
175
200
-40
0
-20
20
40
60
80
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0
4
12
8
16
20
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
OUTPUT CURRENT
vs. RECEIVER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
0
3
12
9
6
15
18
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
OUTPUT CURRENT
vs. RECEIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3.00
3.10
3.05
3.20
3.15
3.25
3.30
-40
0
-20
20
40
60
80
RECEIVER OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
IO = -1.6mA
0
0.1
0.3
0.2
0.4
0.5
-40
0
-20
20
40
60
80
RECEIVER OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
IO = +1mA
0
20
80
60
40
100
120
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
0
1.5
1.0
0.5
2.5
2.0
3.0
3.5
-40
0
-20
20
40
60
80
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 54
RL = 100
-3
-2
-1
0
1
2
3
-80
-40
-60
-20
0
20
40
60
80
A, B CURRENT
vs. A, B VOLTAGE (TO GROUND)
A, B VOLTAGE (V)
RE = DE = GND
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3430CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3406 MAXIM-MAX3406 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3406EUK MAXIM-MAX3406EUK Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407 MAXIM-MAX3407 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3407EUK MAXIM-MAX3407EUK Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
MAX3408 MAXIM-MAX3408 Datasheet
132Kb / 6P
   75??100??120??Switchable Termination Networks
Rev 0; 8/01
More results

Similar Description - MAX3430CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
   -15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
logo
Intersil Corporation
ISL3158AE INTERSIL-ISL3158AE Datasheet
616Kb / 16P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL3158AE RENESAS-ISL3158AE Datasheet
733Kb / 16P
   ±16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceiver
October 15, 2013
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com