Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3471 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3471
Description  1.6關A, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3471 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3471 Datasheet HTML 1Page - Maxim Integrated Products MAX3471 Datasheet HTML 2Page - Maxim Integrated Products MAX3471 Datasheet HTML 3Page - Maxim Integrated Products MAX3471 Datasheet HTML 4Page - Maxim Integrated Products MAX3471 Datasheet HTML 5Page - Maxim Integrated Products MAX3471 Datasheet HTML 6Page - Maxim Integrated Products MAX3471 Datasheet HTML 7Page - Maxim Integrated Products MAX3471 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1.6µA, RS-485/RS-422, Half-Duplex,
Differential Transceiver for Battery-Powered Systems
_______________________________________________________________________________________
5
0
10
5
25
20
15
35
40
30
45
-12
-6
-4
-10
-8
-2
0
2
4
6
OUTPUT CURRENT vs. DRIVER
OUTPUT HIGH VOLTAGE (VCC = 5V)
OUTPUT HIGH VOLTAGE (V)
VCC = 5V
0
5
15
10
20
25
-12
-8
-6
-10
-4
-2
0
2
4
OUTPUT CURRENT vs. DRIVER
OUTPUT HIGH VOLTAGE (VCC = 3.6V)
OUTPUT HIGH VOLTAGE (V)
VCC = 3.6V
0
20
10
50
40
30
80
70
60
90
-50
0
25
-25
50
75
100
125
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE (DE = VCC)
TEMPERATURE (°C)
VCC = 2.5V
DE = VCC
VCC = 3.6V
VCC = 5.5V
VCC = 5.0V
0
1.0
0.5
2.0
1.5
2.5
3.0
-50
25
50
-25
0
75
100
125
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE (DE = GND)
TEMPERATURE (°C)
VCC = 2.5V
DE = GND
VCC = 3.6V
VCC = 5.5V
VCC = 5.0V
0
2
1
4
3
5
6
-40
20
40
-20
0
60
80
100
RECEIVER PROPAGATION
DELAY (tPLH) vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 3.6V
CIRCUIT OF FIGURE 9
CL = 100pF
|VID| = 2V
0.7
0.9
0.8
1.1
1.0
1.4
1.3
1.2
1.5
-40
0
-20
20
40
60
80
100
DRIVER PROPAGATION DELAY
(tDPHL, tDPLH) vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3.6V, RDIFF = 1.5kΩ
VCC = 5V, RDIFF = 1.5kΩ
VCC = 5V, RDIFF = 54Ω
VCC = 3.6V, RDIFF = 54Ω
CL1 = CL2 = 100pF
3.0
4.0
3.5
5.0
4.5
6.5
6.0
5.5
7.5
7.0
-40
0
-20
20
40
60
80
100
RECEIVER PROPAGATION
DELAY (tPHL) vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 3.6V
VCC = 5V
|VID| = 2V
CL = 100pF
Typical Operating Characteristics (continued)
(VCC = +3.6V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3471CUA MAXIM-MAX3471CUA Datasheet
89Kb / 8P
   1.6muA, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Rev 0; 2/98
MAX3471EUA MAXIM-MAX3471EUA Datasheet
89Kb / 8P
   1.6muA, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Rev 0; 2/98
More results

Similar Description - MAX3471

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3471EUA MAXIM-MAX3471EUA Datasheet
89Kb / 8P
   1.6muA, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Rev 0; 2/98
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com