Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3480A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3480A
Description  Complete, Isolated, 3.3V RS-485/RS-422 Data Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3480A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3480A Datasheet HTML 1Page - Maxim Integrated Products MAX3480A Datasheet HTML 2Page - Maxim Integrated Products MAX3480A Datasheet HTML 3Page - Maxim Integrated Products MAX3480A Datasheet HTML 4Page - Maxim Integrated Products MAX3480A Datasheet HTML 5Page - Maxim Integrated Products MAX3480A Datasheet HTML 6Page - Maxim Integrated Products MAX3480A Datasheet HTML 7Page - Maxim Integrated Products MAX3480A Datasheet HTML 8Page - Maxim Integrated Products MAX3480A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
0.8
VIN = 12V
Complete, Isolated, 3.3V
RS-485/RS-422 Data Interface
_______________________________________________________________________________________
3
DI
´ = VCC
CONDITIONS
1.0
ISO IIN
VCM = 0V
V
0.4
VOL
Receiver Output/Receiver Output
Low Voltage
mA
70
∆VTH
Input Current (A, B)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS (continued)
(VCC = VCC1 = VCC2 = VCC4 = VCC5 = 3.0V to 3.6V, FS = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = VCC1 = VCC2 = VCC4 = VCC5 = 3.3V and TA = +25°C.) (Notes 1, 2, 3)
Receiver Input Hysteresis
VOUT = 3.6V, DI
´ = 0V
µA
250
IOH
Receiver Output/Receiver Output
High Current
-7V
≤ VO ≤ 12V (Note 4)
mA
100
ISO IOSD
Driver Short-Circuit Current
DE
´ = 0V,
VCC = 0V or 3.6V
mV
SWITCHING CHARACTERISTICS—MAX3480A
(VCC = VCC1 = VCC2 = VCC4 =VCC5 = 3.0V to 3.6V, FS = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = VCC1 = VCC2 = VCC4 = VCC5 = 3.3V and TA = +25°C.)
ns
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
tPLH - tPHLDifferential
Receiver Skew
Driver Input to Output
Propagation Delay
tPLH
100
275
ns
Driver Output Skew (Note 5)
tSKEW
25
90
ns
Driver Rise or Fall Time
tR, tF
15
40
ns
Driver Enable to Output High
tZH
0.2
1.5
µs
Driver Enable to Output Low
tZL
0.2
1.5
µs
Driver Disable Time from High
tHZ
0.3
1.5
µs
CONDITIONS
Figures 4, 6; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 5, 7; CL = 100pF, S2 closed
Figures 5, 7; CL = 100pF, S1 closed
Figures 4, 6; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 4, 6; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 5, 7; CL = 15pF, S2 closed
Driver Disable Time from Low
tLZ
0.3
1.5
µs
Figures 5, 7; CL = 15pF, S1 closed
tSKD
100
225
Receiver Input to Output
Propagation Delay
tPLH
ns
Figures 4, 8; RDIFF = 54Ω,
CL1 = CL2 = 100pF
20
Figures 4, 8; RDIFF = 54Ω,
CL1 = CL2 = 100pF
Maximum Data Rate
fMAX
2.5
Mbps
tPLH, tPHL < 50% of data period
tPHL
tPHL
100
275
100
225
-7V
≤ VCM ≤ 12V
0.25
RIN
k
Receiver Input Resistance
-7V
≤ VCM ≤ 12V
-0.2
0.2
VTH
V
Receiver Differential Threshold
MAX3480B
48
12
-0.2
-0.8
VIN = 12V
VIN = -7V
VIN = 12V
VIN = -7V
MAX3480B
MAX3480A
MAX3480A


Similar Part No. - MAX3480A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EACPI MAXIM-MAX3480EACPI Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EAEPI MAXIM-MAX3480EAEPI Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EBCPI MAXIM-MAX3480EBCPI Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3480EBEPI MAXIM-MAX3480EBEPI Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
More results

Similar Description - MAX3480A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
MAX1480A MAXIM-MAX1480A Datasheet
487Kb / 21P
   Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com