Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3452EETE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3452EETE
Description  짹15kV ESD-Protected USB Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3452EETE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3452EETE Datasheet HTML 4Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 5Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 6Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 7Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 8Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 9Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 10Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 11Page - Maxim Integrated Products MAX3452EETE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ages (VL) from +1.65V to +3.6V. Integrated
±15kV ESD
protection protects the D+ and D- USB I/O ports.
The MAX3451E features an enumerate function provid-
ing an internal 1.5k
Ω pullup resistor to VTRM. The enu-
merate function disconnects the 1.5k
Ω pullup resistor,
allowing the MAX3451E to simulate a bus disconnect
while powered and connected to the USB cable. The
MAX3450E is pin-for-pin compatible with Micrel’s
MIC2550A. The MAX3452E features a BD output that
asserts high if VBUS is greater than +4.0V. BD asserts
low if VBUS is less than +3.6V. The MAX3450E and
MAX3452E require external pullup resistors from either
D+ or D- to VTRM to set the bus speed.
Applications Information
Power-Supply Configurations
Normal Operating Mode
Connect VL and VBUS to system power supplies
(Table 1). Connect VL to a +1.65V to +3.6V supply.
Connect VBUS to a +4.0V to +5.5V supply. Alternatively,
the MAX3450E and MAX3451E can derive power from
a single Li+ battery. Connect the battery to VBUS. VTRM
remains above +3.0V for VBUS as low as +3.1V.
Additionally, the MAX3450E and MAX3451E can derive
power from a +3.3V
±10% voltage regulator. Connect
VBUS and VTRM to an external +3.3V voltage regulator.
VBUS no longer consumes current to power the internal
linear regulator in this configuration.
Disable Mode
Connect VBUS to a system power supply and leave VL
unconnected or connect to GND. D+ and D- enter a tri-
state mode and VBUS (or VBUS and VTRM) consumes
less than 20µA of supply current. D+ and D- withstand
external signals up to +5.5V in disable mode (Table 2).
Sharing Mode
Connect VL to a system power supply and leave VBUS
(or VBUS and VTRM) unconnected or connect to GND.
D+ and D- enter a tri-state mode, allowing other circuitry
to share the USB D+ and D- lines, and VL consumes less
than 20µA of supply current. D+ and D- withstand
external signals up to +5.5V in sharing mode (Table 2).
±15kV ESD-Protected USB Transceivers
8
_______________________________________________________________________________________
Table 1. Power-Supply Configurations
VBUS (V)
VTRM (V)
VL (V)
CONFIGURATION
NOTES
+4.0 to +5.5
+3.0 to +3.6 output
+1.65 to +3.6
Normal mode
+3.1 to +4.5
+3.0 to +3.6 output
+1.65 to +3.6
Battery supply
MAX3450E, MAX3451E
+3.0 to +3.6
+3.0 to +3.6 input
+1.65 to +3.6
Voltage regulator supply
MAX3450E, MAX3451E
GND or floating
Output
+1.65 to +3.6
Sharing mode
Table 2
+3.0 to +5.5
VBUS
GND or floating
Disable mode
Table 2
*High impedance or low
**High or low
INPUTS/OUTPUTS
DISABLE MODE
SHARING MODE
VBUS/VTRM
• +5V input/+3.3V output
• +3.3V input/+3.3V input (MAX3450E and MAX3451E)
• +3.7V input/+3.3V output (MAX3450E and MAX3451E)
• Floating or connected to GND (MAX3450E
and MAX3451)
• < +3.6V (MAX3452E)
VL
Floating or connected to GND
+1.65V to +3.6V input
D+ and D-
High impedance
High impedance
High impedance for
OE = low
VP and VM
Invalid*
High for
OE = high
RCV
Invalid*
Undefined**
SPD, SUS,
OE, ENUM
(MAX3451E)
High impedance
High impedance
BD (MAX3452E)
Invalid*
Low
Table 2. Disable-Mode and Sharing-Mode Connections


Similar Part No. - MAX3452EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3452EETE++ MAXIM-MAX3452EETE+ Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
More results

Similar Description - MAX3452EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
logo
Renesas Technology Corp
ISL81334 RENESAS-ISL81334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334 Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com