Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3455EEUD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3455EEUD
Description  짹15kV ESD-Protected USB Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3455EEUD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3455EEUD Datasheet HTML 1Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 2Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 3Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 4Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 5Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 6Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 7Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 8Page - Maxim Integrated Products MAX3455EEUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
±15kV ESD-Protected USB Transceivers
_______________________________________________________________________________________
5
SINGLE-ENDED RECEIVER
PROPAGATION DELAY vs. VL
VL (V)
3.4
3.2
1.8 2.0 2.2
2.6 2.8
2.4
3.0
1
2
3
4
5
6
7
8
0
1.6
3.6
CL = 15pF
TA = +25
°C
TA = +85
°C
TA = -40
°C
RISE-/FALL-TIME MATCHING
(FULL SPEED)
MAX3453E-56E toc02
20ns/div
D+/D-
1V/div
CL = 50pF
MAX3453E-56E toc03
100ns/div
RISE-/FALL-TIME MATCHING
(LOW SPEED)
CL = 400pF
D+/D-
1V/div
Typical Operating Characteristics
(VBUS = +5.0V, VL = +3.3V, TA = +25
°C, unless otherwise noted.)
MAX3453E-56E toc04
20ns/div
OE, VP, VM TIMING
CL = 15pF
VP
2V/div
VM
2V/div
OE
5V/div
SUPPLY CURRENT
vs. D+/D- CAPACITANCE
D+/D- CAPACITANCE (pF)
350
300
200 250
100 150
50
2
4
6
8
10
12
14
16
18
20
22
24
0
0
400
SPD = GND, fIN = 750kHz
SPD = VL, fIN = 6MHz
LOGIC SUPPLY CURRENT
vs. D+/D- CAPACITANCE
D+/D- CAPACITANCE (pF)
350
300
200 250
100 150
50
50
100
150
200
250
300
350
400
450
500
0
0
400
SPD = GND, fIN = 750kHz
SPD = VL, fIN = 6MHz


Similar Part No. - MAX3455EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3455EEUD MAXIM-MAX3455EEUD Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
More results

Similar Description - MAX3455EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
logo
Renesas Technology Corp
ISL81334 RENESAS-ISL81334 Datasheet
1Mb / 32P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334 Datasheet
1Mb / 28P
   짹15kV ESD Protected, Two Port, Dual Protocol Transceivers
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com