Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3471EUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3471EUA
Description  1.6關A, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3471EUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3471EUA Datasheet HTML 1Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 2Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 3Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 4Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 5Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 6Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 7Page - Maxim Integrated Products MAX3471EUA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.6µA, RS-485/RS-422, Half-Duplex,
Differential Transceiver for Battery-Powered Systems
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.6V and TA = +25°C.) (Note 1)
SWITCHING CHARACTERISTICS
(VCC = +2.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.6V and TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in magnitude of VOD and VOC, respectively, when the DI input changes state.
Note 3: Maximum and minimum current levels apply to peak current just prior to foldback-current limiting.
0
≤ VRO ≤ VCC
CONDITIONS
-20
50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC ≤ 3.6V
mA
IOSR
Receiver Output Short-Circuit
Current
Figures 3 and 5, RDIFF = 1.5kΩ,
CL1 = CL2 = 100pF
Figures 3 and 5, RDIFF = 1.5kΩ,
CL1 = CL2 = 100pF
CONDITIONS
µs
0.025
tDSKEW
Driver Output Skew
(tDPLH - tDPHL)
µs
Driver Input to Output
Propagation Delay
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
tDPLH,
tDPHL
1.40
2.00
Figures 3 and 5, RDIFF = 1.5kΩ,
CL1 = CL2 = 100pF
µs
0.75
1.34
1.75
tDR, tDF
Driver Rise or Fall Time
Figures 4 and 6, CL = 100pF, S2 closed, S1 open
µs
1.5
6.00
tDZH
Driver Enable Time to Output
High
Figures 4 and 6, CL = 100pF, S1 closed, S2 open
µs
0.86
4.00
tDZL
Driver Enable Time to Output
Low
Figures 4 and 6, CL = 15pF, S1 closed, S2 open
µs
0.4
1.5
tDLZ
Driver Disable Time from Low
Figures 4 and 6, CL = 15pF, S2 closed, S1 open
µs
0.6
1.5
tDHZ
Driver Disable Time from High
Figures 7 and 9, CL = 15pF,
|VID| = 2V
µs
6.4
12
tRPHL
Receiver Input to Output
Propagation Delay
Figures 7 and 9,
|VID| = 2V
µs
1.2
tRSKEW
Differential Receiver Skew
(tRPLH - tRPHL)
Figure 9, CL = 100pF
kbps
64
fMAX
Data Rate
Figures 2 and 8, CL = 15pF, S2 closed, S1 open
ns
85
500
tRZH
Receiver Enable Time to
Output High
Figures 2 and 8, CL = 15pF, S1 closed, S2 open
ns
50
200
tRLZ
Receiver Disable Time from Low
Figures 2 and 8, CL = 15pF, S2 closed, S1 open
ns
35
200
tRHZ
Receiver DisableTime from High
VCC ≤ 5.5V
-40
110
DE = VCC
µA
ICC
Supply Current
VCC ≤ 3.6V, no load,
RE = DI = GND or VCC,
VA = VB = 0
50
60
DE = GND
1.6
2
DE = VCC
VCC ≤ 5.5V, no load,
RE = DI = GND or VCC,
VA = VB = 0
83
100
DE = GND
2.8
4
Figures 2 and 8, CL = 15pF, S1 closed, S2 open
ns
70
500
tRZL
Receiver Enable Time to
Output Low
tRPLH
5.2
12


Similar Part No. - MAX3471EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3471EUA MAXIM-MAX3471EUA Datasheet
89Kb / 8P
   1.6muA, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Rev 0; 2/98
More results

Similar Description - MAX3471EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3471EUA MAXIM-MAX3471EUA Datasheet
89Kb / 8P
   1.6muA, RS-485/RS-422, Half-Duplex, Differential Transceiver for Battery-Powered Systems
Rev 0; 2/98
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Maxim Integrated Produc...
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com