Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3442EESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3442EESA
Description  짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3442EESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3442EESA Datasheet HTML 6Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 7Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 8Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 9Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 10Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 11Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 12Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 13Page - Maxim Integrated Products MAX3442EESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
10
______________________________________________________________________________________
Pin Description
PIN
MAX3440E
MAX3441E
MAX3442E
MAX3443E
MAX3444E
NAME
FUNCTION
1
——
FAULT
Fault output. 1 = fault; 0 = normal operation
A or B under the following conditions:
• A-B differential <200mV
• A shorted to B
• A shorted to a voltage within the common-mode range
(detected only when the driver is enabled)
• B shorted to a voltage within the common-mode range
(detected only when the driver is enabled)
• A or B outside the common-mode range
21
1
RO
Receiver Output. If receiver enabled and (A-B)
≥ -50mV,
RO = high; if (A-B)
≤ -200mV, RO = low.
22
RE
Receiver Output Enable. Pull RE low to enable RO.
——
3
DE
Driver Output Enable. Pull DE low to enable the outputs.
Force DE high to three-state the outputs. Drive RE and DE
high to enter low-power shutdown mode.
3
——
DE/RE
Driver/Receiver Output Enable. Pull DE/RE low to three-
state the driver output and enable RO. Force DE/RE high to
enable driver output and three-state RO.
3
DE
Driver Output Enable. Force DE high to enable driver. Pull
DE low to three-state the driver output. Drive RE high and
pull DE low to enter low-power shutdown mode.
44
DI
Driver Input. A logic low on DI forces the noninverting
output low and the inverting output high. A logic high on
DI forces the noninverting output high and the inverting
output low.
——
4
TXD
J1708 Input. A logic low on TXD forces outputs A and B to
the dominant state. A logic high on TXD forces outputs A
and B to the recessive state.
5
5
5
GND
Ground
6
6
6
A
Noninverting Receiver Input/Driver Output
7
7
7
B
Inverting Receiver Input/Driver Output
88
8
VCC
Positive Supply, VCC = +4.75V to +5.25V


Similar Part No. - MAX3442EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3442E MAXIM-MAX3442E Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
More results

Similar Description - MAX3442EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_V01 Datasheet
2Mb / 23P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com