Electronic Components Datasheet Search |
|
MAX3461CSD Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX3461CSD Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 14 page +5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers 6 _______________________________________________________________________________________ Pin Description PIN MAX3460/ MAX3461 MAX3462 MAX3463/ MAX3464 FULL DUPLEX HALF DUPLEX NAME FUNCTION 1 —— SHDN Shutdown. Drive SHDN high to enter low-power shutdown mode. 22 1 RO Receiver Output. When RE is low and (A - B) ≥ -50mV, RO is high; if (A - B) ≤ -200mV, RO is low. 3 — 2 RE Receiver Output Enable. Drive RE low to enable RO; RO is high impedance when RE is high. Drive RE high and DE low to enter low-power shutdown mode. 4 — 3DE Driver Output Enable. Drive DE high to enable driver output. These outputs are high impedance when DE is low. Drive RE high and DE low to enter low- power shutdown mode. 53 4 DI Driver Input. With DE high, a low on DI forces the noninverting output low and the inverting output high. Similarly, a high on DI forces the noninverting output high and the inverting output low. 6, 7 4 5 GND Ground 8 —— TXP Transmitter Phase. Connect TXP to GND, or leave unconnected for normal transmitter phase/polarity. Connect TXP to VCC to invert the transmitter phase/polarity. TXP has an internal 15µA pulldown. 95 — Y Noninverting Driver Output 10 6 — Z Inverting Driver Output 11 7 — B Inverting Receiver Input 12 8 — A Noninverting Receiver Input 13 —— RXP Receiver Phase. Connect RXP to GND, or leave unconnected for normal receiver phase/polarity. Connect RXP to VCC to invert the receiver phase/polarity. RXP has an internal 15µA pulldown. 14 1 8 VCC Positive Supply: +4.75V ≤ VCC ≤ +5.25V. Bypass VCC to GND with a 0.1µF capacitor. —— 7 B Inverting Receiver Input and Inverting Driver Output —— 6 A Noninverting Receiver Input and Noninverting Driver Output Typical Operating Characteristics (continued) (VCC = +5V, TA = +25°C, unless otherwise noted.) 0 5V/div 2V/div 5V/div 0 0 DRIVER AND RECEIVER PROPAGATION DELAYS MAX3460-64 toc13 DI Y, Z RO 10ns/div 0 0 ENABLE RESPONSE TIME MAX3460-64 toc14 DE Y, Z 20ns/div 1V/div 5V/div EYE DIAGRAM 10ns/div |
Similar Part No. - MAX3461CSD |
|
Similar Description - MAX3461CSD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |