Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3467CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3467CSA
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3467CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3467CSA Datasheet HTML 1Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 2Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 3Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 4Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 5Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 6Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 7Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 8Page - Maxim Integrated Products MAX3467CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX3465–MAX3469 are high-speed differential
bus transceivers for RS-485 and RS-422 communica-
tions. They are designed to meet TIA/EIA-422-B,
TIA/EIA-485-A, V.11, and X.27 standards. The trans-
ceiver complies with the Profibus specification provid-
ing +2.1V minimum output level with a 54
Ω load,
40Mbps data rate, and output skew less than 2ns. Each
part contains one three-state differential line driver and
one differential input line receiver. The devices operate
from a +5V supply and feature true fail-safe circuitry,
which guarantees a logic-high receiver output when the
receiver inputs are open or shorted. This enables all
receiver outputs on a terminated bus to output logic
highs when all transmitters are disabled.
All devices feature a 1/4-standard-unit load receiver
input impedance that allows 128 transceivers on the
bus. Driver and receiver propagation delays are guar-
anteed under 20ns for multidrop, clock distribution
applications. Drivers are short-circuit current limited
and are protected against excessive power dissipation
by thermal-shutdown circuitry. The driver and receiver
feature active-high and active-low enables, respective-
ly, that can be connected together externally to serve
as a direction control.
Applications
High-Speed RS-485 Communications
High-Speed RS-422 Communications
Level Translators
Industrial-Control Local Area Networks
Profibus Applications
Features
o Recommended for Profibus Applications
o Up to 40Mbps Data Rate
o 15ns Transmitter Propagation Delay
o 20ns Receiver Propagation Delay
o 2ns Transmitter and Receiver Skew
o High Differential Driver Output Level (2.1V on 54Ω)
o Hot-Swap Versions
o 1µA Shutdown Supply Current
o Low Supply Current Requirements (2.5mA, typ)
o Allow Up to 128 Transceivers on the Bus
o True Fail-Safe Receiver while Maintaining EIA/TIA-
485 Compatibility
o Designed for Multipoint Transmissions on Long
or Noisy Bus Lines
o Full-Duplex and Half-Duplex Versions Available
o Phase Controls to Correct for Twisted-Pair
Reversal for 14-Pin Versions
o Current-Limiting and Thermal Shutdown for
Driver Overload Protection
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
PART
NUMBER
HALF/FULL
DUPLEX
RECEIVER/
DRIVER
ENABLE
LOW-
POWER
SHUTDOWN
HOT SWAP
RECEIVER/
DRIVER PHASE
SELECT
INDEPENDENT
SHDN PIN
PIN COUNT
MAX3465
Full
Yes
Yes
Yes
Yes
Yes
14
MAX3466
Full
Yes
Yes
No
Yes
Yes
14
MAX3467
Full
No
No
No
No
No
8
MAX3468
Half
Yes
Yes
Yes
No
No
8
MAX3469
Half
Yes
Yes
No
No
No
8
Selector Guide
19-3038; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX3465CSD
0°C to +70°C
14 SO
MAX3465CPD
0°C to +70°C
14 Plastic DIP
MAX3465ESD
-40°C to +85°C
14 SO
MAX3465EPD
-40°C to +85°C
14 Plastic DIP
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX3467CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3467CSA MAXIM-MAX3467CSA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3467CSA MAXIM-MAX3467CSA Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
More results

Similar Description - MAX3467CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com