Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3532EAX Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3532EAX
Description  Upstream CATV Driver Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3532EAX Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3532EAX Datasheet HTML 1Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 2Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 3Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 4Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 5Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 6Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 7Page - Maxim Integrated Products MAX3532EAX Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
_______________Detailed Description
The following sections describe the blocks shown in the
Functional Diagram (Figure 1).
Programmable-Gain Amplifier
The MAX3532’s processing path is made up of the pro-
grammable-gain amplifier (PGA) and the transmit
power amplifier, which together provide better than
64dB of output level control in 1dB steps.
The PGA is implemented as a programmable Gilbert
cell attenuator. It uses a differential architecture to
achieve maximum linearity. When it is driven single
ended, specified performance is achieved given that
the unused input is decoupled to ground. The gain of
the PGA is determined by the serial-data interface. See
Table 2.
Transmit Power Amplifier
The transmit power amp is capable of driving +8dBmV
to +62dBmV differentially when driven with +36dBmV. To
achieve the necessary swing from a single +5V supply,
an external 1:2 transformer must be used. The output of
the transmit power amplifier is a very low-impedance
emitter follower, which requires two 8
Ω series termination
resistors to achieve adequate output return loss.
The power amplifier’s gain is set via the serial-data
interface. The transmit power amplifier has a switchable
+16dB or +0dB gain to achieve high linearity or low
noise, respectively. High-gain mode sets the power
amp’s gain to +16dB, allowing for the highest output
signal swings. Low-noise mode sets the gain to 0dB,
which achieves the lowest output noise.
Shutdown Mode
In normal operation the shutdown pin (SHDN) is driven
high. When SHDN is asserted low, all circuits within the
IC are disabled. Only leakage currents flow in this
state. Data stored within the serial-data interface latch-
es will be lost upon shutting down the part.
Transmit-Disable Mode
When the TXEN pin is asserted high, the device is in
transmit mode. When TXEN is driven low, the transmit
amplifier switches to common-mode operation and the
output signal appears at the output pins VOUT+ and
VOUT- with the same phase. These identical signals
cancel within the output transformer core, providing
high isolation from input to output. Optimum isolation is
achieved in low-noise mode with a low gain setting.
Serial Interface
The serial interface has an active-low enable (CS) to
bracket the data, with data clocked in MSB first on the
rising edge of SCLK. Data is stored in the storage latch
on the rising edge of CS. The serial interface controls
the state of the PGA and output amplifier. The register
format is shown in Tables 1 and 2. Serial-interface tim-
ing is shown in Figure 2.
Transmit Modes
The hardware TXEN line is ANDed with software bit D7,
so both TXEN and D7 must be high to transmit. Bit D6
governs whether the device is set to high-gain mode (D6
= 1) or to low-noise mode (D6 = 0). High-power mode
should be used for output levels above 45dBmV. This
transition point optimizes the MAX3532’s distortion perfor-
mance, but either mode may be used throughout the full
complement of programmed gain states. Bits D5–D0
define 64 PGA gain states, nominally 1dB each.
Upstream CATV Driver Amplifier
6
_______________________________________________________________________________________
MAX3532
VOUT-
VIN+
PGA
SHDN
VIN-
CS
SDA
SCLK
VOUT+
TXEN
SERIAL-DATA INTERFACE
BIAS
Figure 1. Functional Diagram
BIT
MNEMONIC
DESCRIPTION
MSB 7
D7
Chip-State Control MSB
6
D6
Chip-State Control LSB
5
D5
Gain Control, Bit 5
4
D4
Gain Control, Bit 4
3
D3
Gain Control, Bit 3
2
D2
Gain Control, Bit 2
1
D1
Gain Control, Bit 1
LSB 0
D0
Gain Control, Bit 0
Table 1. Serial-Interface Control Words


Similar Part No. - MAX3532EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX353 MAXIM-MAX353 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX353 MAXIM-MAX353 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX3535E MAXIM-MAX3535E Datasheet
794Kb / 25P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
MAX3535E MAXIM-MAX3535E Datasheet
108Kb / 5P
   Center-Tapped, Full-Wave Rectifier Output
Rev 0; 12/06
MAX3535ECWI MAXIM-MAX3535ECWI Datasheet
794Kb / 25P
   3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
More results

Similar Description - MAX3532EAX

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3509 MAXIM-MAX3509_05 Datasheet
213Kb / 10P
   Upstream CATV Amplifier
Rev 1; 6/05
MAX3510 MAXIM-MAX3510 Datasheet
138Kb / 12P
   Upstream CATV Amplifier
Rev 2; 8/99
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3514 MAXIM-MAX3514 Datasheet
534Kb / 21P
   Upstream CATV Amplifiers
Rev 2; 9/01
MAX3507 MAXIM-MAX3507 Datasheet
356Kb / 12P
   Upstream CATV Amplifier with On-Chip Anti-Alias Filter
Rev 0; 7/01
logo
List of Unclassifed Man...
MT1550 ETC1-MT1550 Datasheet
131Kb / 2P
   UPSTREAM AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com